Electronic Components Datasheet Search |
|
SHE155PGIE Datasheet(PDF) 2 Page - AUK corp |
|
SHE155PGIE Datasheet(HTML) 2 Page - AUK corp |
2 / 4 page KSD-O3E004-000 2 SHE155PGIE(B) Absolute Maximum Ratings ( Ta = 25℃) Characteristic Symbol Rating Unit Power dissipation PD 150 mW Forward current IF 40 mA *1Peak forward current IFP 50 mA Operating temperature range Topr -30 85 ∼ ℃ Storage temperature range Tstg -30 100 ∼ ℃ *2Soldering temperature Tsol 260 for ℃ 10 seconds *1.Duty ratio = 1/16, Pulse width = 0.1ms *2.Keep the distance more than 2.0mm from PCB to the bottom of LED package Recommend document ※ -. LED is very sensitive to ESD. Electrical / Optical Characteristics ( Ta = 25℃) Characteristic Symbol Test Condition Min. Typ. Max. Unit Forward voltage VF IF= 20mA - 3.2 3.8 V *4Luminous intensity IV IF= 20mA 780 - 3200 mcd Dominant wavelength λD IF= 20mA 516 523 530 nm Spectrum bandwidth ∆λ IF= 20mA - 35 - nm X - ±55 - *3Half angle θ1/2 Y IF= 20mA - ±20 - deg *3. θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity *4. Luminous intensity maximum tolerance for each grade classification limit is ±18% *4. Luminous Intensity Classification Q R1 R2 S1 S2 T1 780~1170 1170~1450 1450~1760 1760~2200 2200~2640 2640~3200 (Do not use to combine grade classification. It must be used separately grade classification) |
Similar Part No. - SHE155PGIE |
|
Similar Description - SHE155PGIE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |