Electronic Components Datasheet Search |
|
SPG2336E-G Datasheet(PDF) 2 Page - AUK corp |
|
SPG2336E-G Datasheet(HTML) 2 Page - AUK corp |
2 / 5 page KSD-O8V010-001 2 SPG2336E-G Absolute Maximum Ratings (Ta=25 oC) Characteristic Symbol Rating Unit Power dissipation PD 110 mW Forward current IF 30 mA *1Peak forward current IFP 50 mA Operating temperature range Topr -40∼100 ℃ Storage temperature range Tstg -40∼110 ℃ *2Soldering temperature Tsol 240℃ for 10 seconds *1.Duty ratio = 1/16, Pulse width = 0.1ms *2. Recommended reflow soldering temperature profile - Preheating 150℃ to 185℃ within 120 seconds soldering 240℃ within 10 seconds Gradual cooling (Avoid quenching) Electrical / Optical Characteristics (Ta=25 oC) Characteristic Symbol Test Condition Min Typ Max Unit Forward voltage VF IF= 20mA 2.75 - 3.6 V *3Luminous intensity IV IF= 20mA 220 - 550 mcd Dominant wavelength λD IF= 20mA 520 525 530 nm Spectrum bandwidth ∆λ IF= 20mA - 30 - nm *4Half angle θ1/2 IF= 20mA - ±60 - deg max. 10sec Temp (℃) Time (sec) 185 150 240 Peak Temp max. 240℃ Preheating area 150~185℃, 90±30sec max. 3℃/sec 25 Time from 25℃ to Peak Temperature max. 6min Solder area 220℃, max. 60sec max. 4℃/sec max. -6℃/sec 240 180 150 60 0 |
Similar Part No. - SPG2336E-G |
|
Similar Description - SPG2336E-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |