Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1316-U Datasheet(PDF) 2 Page - AUK corp

Part # SR1316-U
Description  Chip LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SR1316-U Datasheet(HTML) 2 Page - AUK corp

  SR1316-U Datasheet HTML 1Page - AUK corp SR1316-U Datasheet HTML 2Page - AUK corp SR1316-U Datasheet HTML 3Page - AUK corp SR1316-U Datasheet HTML 4Page - AUK corp SR1316-U Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-O8G015-002
2
SR1316-U
Absolute Maximum Ratings
(Ta=25
oC)
Characteristic
Symbol
Rating
Unit
Power dissipation
PD
65
mW
Forward current
IF
25
mA
*1Peak forward current
IFP
50
mA
Reverse voltage
VR
10
V
Operating temperature range
Topr
-25 80
°C
Storage temperature range
Tstg
-30 100
°C
*2Soldering temperature
Tsol
240°C for 10 seconds
*1. Duty ratio = 1/16, Pulse width = 0.1ms
*2. Recommended reflow soldering temperature profile
- Preheating 150℃ to 185℃ within 120 seconds soldering 240℃ within 10 seconds
Gradual cooling (Avoid quenching)
Electrical / Optical Characteristics
(Ta=25
oC)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF= 10mA
-
1.9
2.3
V
Luminous intensity
IV
IF= 10mA
27
-
100
mcd
Peak wavelength
λP
IF= 10mA
-
660
-
nm
Spectrum bandwidth
λ
IF= 10mA
-
20
-
nm
Reverse current
IR
VR=10V
-
-
10
uA
X
-
±65
-
*3Half angle
θ1/2
Y
IF= 10mA
-
±70
-
deg
max. 10sec
Temp (℃)
Time (sec)
185
150
240
Peak Temp max. 240℃
Preheating area
150~185℃, 90±30sec
max. 3℃/sec
25
Time from 25℃ to Peak Temperature max. 6min
Solder area
220℃, max. 60sec
max. 4℃/sec
max. -6℃/sec
240
180
150
60
0


Similar Part No. - SR1316-U

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SR1316-U KODENSHI-SR1316-U Datasheet
205Kb / 4P
   CHip LED
More results

Similar Description - SR1316-U

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM2233-D AUK-SM2233-D Datasheet
206Kb / 4P
   Chip LED
SM2333 AUK-SM2333 Datasheet
171Kb / 4P
   Chip LED
SR2332-V AUK-SR2332-V Datasheet
173Kb / 4P
   Chip LED
SR2333-V AUK-SR2333-V Datasheet
204Kb / 4P
   Chip LED
SA1316 AUK-SA1316_1 Datasheet
191Kb / 5P
   Chip LED
SM1316-L AUK-SM1316-L_1 Datasheet
200Kb / 5P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-460-34 EPIGAP-ELC-460-34 Datasheet
101Kb / 1P
   LED - Chip
logo
Everlight Electronics C...
24-21UYC EVERLIGHT-24-21UYC Datasheet
156Kb / 9P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-525-31-2 EPIGAP-ELC-525-31-2 Datasheet
30Kb / 1P
   LED - Chip
ELC-595-29-50 EPIGAP-ELC-595-29-50 Datasheet
85Kb / 1P
   LED - Chip
ELC-635-14-3 EPIGAP-ELC-635-14-3 Datasheet
99Kb / 1P
   LED - Chip
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com