Electronic Components Datasheet Search |
|
STA9012SF Datasheet(PDF) 2 Page - AUK corp |
|
STA9012SF Datasheet(HTML) 2 Page - AUK corp |
2 / 4 page KSD-T5C002-000 2 STA9012SF Absolute Maximum Ratings (Ta=25 °C) Characteristic Symbol Rating Unit Collector-base voltage VCBO -40 V Collector-emitter voltage VCEO -30 V Emitter-base voltage VEBO -5 V Collector current IC -500 mA Collector power dissipation PC* 350 mW Junction temperature TJ 150 °C Storage temperature range Tstg -55~150 °C * : Package mounted on 99.5% Alumina 10 ×8×0.6mm Electrical Characteristics (Ta=25 °C) Characteristic Symbol Test Condition Min. Typ. Max. Unit Collector-emitter breakdown voltage BVCEO IC=-1mA, IB=0 -30 - - V Collector cut-off current ICBO VCB=-40V, IE=0 - - -0.1 µA Emitter cut-off current IEBO VEB=-5V, IC=0 - - -0.1 µA DC current gain hFE* VCE=-1V, IC=-50mA 96 - 246 - Collector-emitter saturation voltage VCE(sat) IC=-100mA, IB=-10mA - -0.1 -0.25 V Base-emitter voltage VBE VCE=-1V, IC=-100mA - -0.75 -1.0 V Transition frequency fT VCE=-6V, IC=-20mA - 200 - MHz Collector output capacitance Cob VCB=-6V, IE=0, f=1MHz - 7 - pF * : hFE rank / F : 96~135, G : 118~166, H : 144~202, I : 176~246. |
Similar Part No. - STA9012SF |
|
Similar Description - STA9012SF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |