Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM98555CCMH Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM98555CCMH
Description  CCD Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM98555CCMH Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM98555CCMH Datasheet HTML 1Page - National Semiconductor (TI) LM98555CCMH Datasheet HTML 2Page - National Semiconductor (TI) LM98555CCMH Datasheet HTML 3Page - National Semiconductor (TI) LM98555CCMH Datasheet HTML 4Page - National Semiconductor (TI) LM98555CCMH Datasheet HTML 5Page - National Semiconductor (TI) LM98555CCMH Datasheet HTML 6Page - National Semiconductor (TI) LM98555CCMH Datasheet HTML 7Page - National Semiconductor (TI) LM98555CCMH Datasheet HTML 8Page - National Semiconductor (TI) LM98555CCMH Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Application Information
The LM98555 is a fully integrated clock driver/buffer for high
speed CCD applications. It provides high performance low
impedance drivers, with optimized low skew performance of
the P1 and P2 outputs. Enable inputs allow use of two, four,
six, or all eight P1 and P2 drivers to optimize the amount of
drive for the application. The 64 pin thermally enhanced
TSSOP provides excellent power handling through the use
of an exposed heat transfer pad on the underside of the
package.
THERMAL GUIDELINES
The LM98555’s maximum power dissipation limit, shown in
the Operating Conditions section, must be strictly adhered
to. The product’s multiple high-strength drivers, with their
ability to drive a wide-range of loads, make it possible to be
within spec on each output and yet violate the aggregate
maximum power dissipation limit for the total product. Spe-
cial caution must be paid to this by limiting the chip’s oper-
ating conditions (loads, power supply, number of parallel
drivers enabled, frequency of operation) to make certain that
the maximum power dissipation limit is never exceeded.
Thermal characterization of the device has been done to
provide reference points under specific conditions.
θ junction
to ambient was measured using a 5.5 inch by 3 inch, 4 layer
PCB. The thermal contact pad on the board was connected
using vias to a full ground plane on one of the internal layers.
The recommended thermal pad is shown in Figure 4.
The vias shown provide a path for heat to flow from the pad
to a heat sinking or dissipating area of the printed circuit
board. The following figures show several typical examples
of how this can be done, and illustrate how heat is conducted
away from the IC to larger areas where it is dissipated.
In multi-layer board applications, one or more internal planes
are usually dedicated as a ground plane. Connecting the
thermal pad to this ground plane with vias will usually pro-
vide adequate heat management. In 2 layer boards, it is
20126406
FIGURE 4. Exposed Pad Land Pattern
20126407
FIGURE 5. 4 Layer PCB - Example 1
20126409
FIGURE 6. 4 Layer PCB - Example 2
20126408
FIGURE 7. 2 Layer PCB
www.national.com
7


Similar Part No. - LM98555CCMH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98555CCMH TI-LM98555CCMH Datasheet
716Kb / 15P
[Old version datasheet]   LM98555 CCD Driver
LM98555CCMH/NOPB TI1-LM98555CCMH/NOPB Datasheet
197Kb / 13P
[Old version datasheet]   CCD Driver
LM98555CCMHX TI-LM98555CCMHX Datasheet
716Kb / 15P
[Old version datasheet]   LM98555 CCD Driver
LM98555CCMHX/NOPB TI1-LM98555CCMHX/NOPB Datasheet
197Kb / 13P
[Old version datasheet]   CCD Driver
More results

Similar Description - LM98555CCMH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98555 TI1-LM98555 Datasheet
197Kb / 13P
[Old version datasheet]   CCD Driver
logo
Sanyo Semicon Device
LB8901M SANYO-LB8901M Datasheet
121Kb / 5P
   CCD Clock Driver
logo
Agamem Microelectronic ...
AA87221AP AGAMEM-AA87221AP Datasheet
281Kb / 9P
   CCD VERTICAL DRIVER
AA87223AP AGAMEM-AA87223AP Datasheet
277Kb / 9P
   CCD VERTICAL DRIVER
logo
Texas Instruments
LM98555CCMHX TI-LM98555CCMHX Datasheet
716Kb / 15P
[Old version datasheet]   LM98555 CCD Driver
logo
Sanyo Semicon Device
LB8904M SANYO-LB8904M Datasheet
110Kb / 5P
   CCD Clock Driver?
logo
Agamem Microelectronic ...
AA87223 AGAMEM-AA87223 Datasheet
45Kb / 1P
   CCD VERTICAL DRIVER
AA87221 AGAMEM-AA87221 Datasheet
42Kb / 1P
   CCD VERTICAL DRIVER
AA87222 AGAMEM-AA87222 Datasheet
42Kb / 1P
   CCD VERTICAL DRIVER
AA87222AP AGAMEM-AA87222AP Datasheet
160Kb / 9P
   CCD VERTICAL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com