Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBT3904DW1T1 Datasheet(PDF) 4 Page - E-Tech Electronics LTD

Part # MBT3904DW1T1
Description  Dual General Purpose Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MBT3904DW1T1 Datasheet(HTML) 4 Page - E-Tech Electronics LTD

  MBT3904DW1T1 Datasheet HTML 1Page - E-Tech Electronics LTD MBT3904DW1T1 Datasheet HTML 2Page - E-Tech Electronics LTD MBT3904DW1T1 Datasheet HTML 3Page - E-Tech Electronics LTD MBT3904DW1T1 Datasheet HTML 4Page - E-Tech Electronics LTD MBT3904DW1T1 Datasheet HTML 5Page - E-Tech Electronics LTD MBT3904DW1T1 Datasheet HTML 6Page - E-Tech Electronics LTD MBT3904DW1T1 Datasheet HTML 7Page - E-Tech Electronics LTD MBT3904DW1T1 Datasheet HTML 8Page - E-Tech Electronics LTD MBT3904DW1T1 Datasheet HTML 9Page - E-Tech Electronics LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MBT3904–4/12
MBT3904DW1T1, MBT3906DW1T1, MBT3946DW1T1
MBT3904DW1T1 (NPN)
Figure 1. Delay and Rise Time
Equivalent Test Circuit
Figure 2. Storage and Fall Time
Equivalent Test Circuit
DUTY CYCLE = 2%
TYPICAL TRANSIENT CHARACTERISTICS
T J = 25°C
T J = 125°C
* Total shunt capacitance of test jig and connectors
0.1
0.2 0.3
0.5
0.71.0
2.0 3.0
5.0 7.0 10
20
30 40
10
7.0
5.0
3.0
2.0
1.0
REVERSE BIAS VOLTAGE (VOLTS)
Figure 3. Capacitancere
1.0
2.0
3.0
5.0 7.0 10
20
30
50
70 100
200
5000
3000
2000
1000
700
500
300
200
100
70
50
I C , COLLECTOR CURRENT (mA)
Figure 4. Charge Data


Similar Part No. - MBT3904DW1T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MBT3904DW1T1 LRC-MBT3904DW1T1 Datasheet
422Kb / 10P
   Dual General Purpose Transistors
logo
ON Semiconductor
MBT3904DW1T1 ONSEMI-MBT3904DW1T1 Datasheet
105Kb / 8P
   Dual General Purpose Transistors
September, 2004 ??Rev. 4
MBT3904DW1T1 ONSEMI-MBT3904DW1T1 Datasheet
105Kb / 7P
   Dual General Purpose Transistors
May, 2005 - Rev. 5
MBT3904DW1T1G ONSEMI-MBT3904DW1T1G Datasheet
105Kb / 8P
   Dual General Purpose Transistors
September, 2004 ??Rev. 4
MBT3904DW1T1G ONSEMI-MBT3904DW1T1G Datasheet
105Kb / 7P
   Dual General Purpose Transistors
May, 2005 - Rev. 5
More results

Similar Description - MBT3904DW1T1

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com