Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM6560 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # MM6560
Description  Monolithic IC MM6558 Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM6560 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  MM6560 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM6560 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM6560 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM6560 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM6560 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM6560 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM6560 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM6560 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM6560 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MITSUMI
High Precision Operational Amplifier MM6558
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Rating
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+75
°C
Power supply voltage
V+/V-
±12
V
Allowable power dissipation
Pd
300
mW
Differential input voltage
VID
±20
V
Input voltage
VI
±10
V
Electrical Characteristics (Unless otherwise specified Ta=25°C, V+/V-=±10V)
Item
Symbol
Measurement Conditions
Min. Typ. Max. Units
Operating power supply voltage range
±3.5
±11
V
Input offset voltage
VIO
RS <
= 10kΩ
0.1
0.5
mV
Input offset voltage temperature drift
VIO
±1
µV/°C
Input offset current
IIO
5
200
nA
Input bias current
IB
50
500
nA
Input resistance
RIN
0.3
3
M
In-phase input voltage
VCM
±8
±9
V
Voltage gain
AV
RL >
= 2kΩ, VO=±7V
86
100
dB
Maximum output voltage
VO
RL >
= 10kΩ
±8
±9
V
In-phase signal elimination ratio
CMRR
RS <
= 10kΩ
70
90
dB
Power supply voltage elimination ratio
PSRR
RS <
= 10kΩ
76.5
90
dB
Current consumption
ICC
3.0
5.0
mA
Output flow current
ISO
13
mA
Output inflow current
ISI
13
mA
Through rate
SR
RL >
= 2kΩ
3V/µS
Gain band area
GBW
7
MHz
Input conversion interference voltage
en
RS=300
Ω, IHFA (A curve)
1.2
µVrms
MM6558


Similar Part No. - MM6560

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MM65FAN MTRONPTI-MM65FAN Datasheet
308Kb / 2P
   5x7 mm, 5 Volt, HCMOS/TTL, Surface Mount Oscillator
MM65FCN MTRONPTI-MM65FCN Datasheet
308Kb / 2P
   5x7 mm, 5 Volt, HCMOS/TTL, Surface Mount Oscillator
MM65FGN MTRONPTI-MM65FGN Datasheet
308Kb / 2P
   5x7 mm, 5 Volt, HCMOS/TTL, Surface Mount Oscillator
MM65TAN MTRONPTI-MM65TAN Datasheet
308Kb / 2P
   5x7 mm, 5 Volt, HCMOS/TTL, Surface Mount Oscillator
MM65TCN MTRONPTI-MM65TCN Datasheet
308Kb / 2P
   5x7 mm, 5 Volt, HCMOS/TTL, Surface Mount Oscillator
More results

Similar Description - MM6560

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
82XX UTC-82XX_11 Datasheet
157Kb / 8P
   MONOLITHIC IC 82XX SERIES
82XX UTC-82XX Datasheet
181Kb / 8P
   MONOLITHIC IC 82XX SERIES
logo
Mitsumi Electronics, Co...
PST93XX MITSUMI-PST93XX Datasheet
103Kb / 5P
   Monolithic IC PST93XX Series
MM1108 MITSUMI-MM1108 Datasheet
125Kb / 5P
   Monolithic IC
MM1102 MITSUMI-MM1102 Datasheet
268Kb / 10P
   Monolithic IC
MM1217 MITSUMI-MM1217 Datasheet
116Kb / 4P
   Monolithic IC
MM1380 MITSUMI-MM1380 Datasheet
185Kb / 7P
   Monolithic IC
LAG639 MITSUMI-LAG639 Datasheet
257Kb / 8P
   Monolithic IC
MM1104 MITSUMI-MM1104 Datasheet
114Kb / 4P
   Monolithic IC
MM1100 MITSUMI-MM1100 Datasheet
113Kb / 5P
    Compander IC Monolithic IC MM1100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com