Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM6561 Datasheet(PDF) 10 Page - Mitsumi Electronics, Corp.

Part # MM6561
Description  Monolithic IC MM6558 Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM6561 Datasheet(HTML) 10 Page - Mitsumi Electronics, Corp.

Back Button MM6561 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM6561 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM6561 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM6561 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM6561 Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM6561 Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM6561 Datasheet HTML 12Page - Mitsumi Electronics, Corp. MM6561 Datasheet HTML 13Page - Mitsumi Electronics, Corp. MM6561 Datasheet HTML 14Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MITSUMI
High Precision Operational Amplifier MM6558
0.1k
1k
10k
8
10
12
14
16
18
20
Load resistance RL (
Ω)
V+/V-= 10V, Ta=25
°C
-12
-8
-4
0
4
8
12
2468
10
12
Power supply voltage V+/V- ( V)
RL=2k
Ω, Ta=25°C
1
10
100
1k
10k 100k 1M 10M
0
20
40
60
80
100
120
Frequency f (Hz)
V+/V-= 10V, RL=2k
Ω, Ta=25°C
100
1k
10k
100k
0
20
40
60
80
100
120
Frequency f (Hz)
V+/V-= 9V, Ta=25
°C
10
100
1k
10k
100k
1M
0
5
10
15
20
25
Frequency f (Hz)
V+/V-= 10V, RL=2k
Ω, Ta=25°C
2468
10
12
-5
-4
-3
-2
-1
0
1
2
3
4
5
Power supply voltage V+/V- ( V)
Ta=25
°C
0.01
0.1
1
10
Output voltage VO (Vrms)
0.001
0.01
0.1
1
V+/V-= 6V, RL=2k
Ω, Ta=25°C
Example of input offset current to power supply voltage
characteristics
Example of complete higher harmonic distortion rate
output voltage characteristics
Example of power supply voltage elimination frequency
characteristics
Example of maximum output voltage amplitude frequency
characteristics
Example of maximum output voltage relative to power
supply voltage characteristics
Example of voltage gain frequency characteristics
Example of maximum output voltage amplitude relative to
load characteristics


Similar Part No. - MM6561

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MM65FAN MTRONPTI-MM65FAN Datasheet
308Kb / 2P
   5x7 mm, 5 Volt, HCMOS/TTL, Surface Mount Oscillator
MM65FCN MTRONPTI-MM65FCN Datasheet
308Kb / 2P
   5x7 mm, 5 Volt, HCMOS/TTL, Surface Mount Oscillator
MM65FGN MTRONPTI-MM65FGN Datasheet
308Kb / 2P
   5x7 mm, 5 Volt, HCMOS/TTL, Surface Mount Oscillator
MM65TAN MTRONPTI-MM65TAN Datasheet
308Kb / 2P
   5x7 mm, 5 Volt, HCMOS/TTL, Surface Mount Oscillator
MM65TCN MTRONPTI-MM65TCN Datasheet
308Kb / 2P
   5x7 mm, 5 Volt, HCMOS/TTL, Surface Mount Oscillator
More results

Similar Description - MM6561

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
82XX UTC-82XX_11 Datasheet
157Kb / 8P
   MONOLITHIC IC 82XX SERIES
82XX UTC-82XX Datasheet
181Kb / 8P
   MONOLITHIC IC 82XX SERIES
logo
Mitsumi Electronics, Co...
PST93XX MITSUMI-PST93XX Datasheet
103Kb / 5P
   Monolithic IC PST93XX Series
MM1108 MITSUMI-MM1108 Datasheet
125Kb / 5P
   Monolithic IC
MM1102 MITSUMI-MM1102 Datasheet
268Kb / 10P
   Monolithic IC
MM1217 MITSUMI-MM1217 Datasheet
116Kb / 4P
   Monolithic IC
MM1380 MITSUMI-MM1380 Datasheet
185Kb / 7P
   Monolithic IC
LAG639 MITSUMI-LAG639 Datasheet
257Kb / 8P
   Monolithic IC
MM1104 MITSUMI-MM1104 Datasheet
114Kb / 4P
   Monolithic IC
MM1100 MITSUMI-MM1100 Datasheet
113Kb / 5P
    Compander IC Monolithic IC MM1100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com