Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPF120-0UR-005V Datasheet(PDF) 11 Page - LEDTRONICS, INC

Part # BPF120-0UR-005V
Description  Miniature Based LED Lamps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

BPF120-0UR-005V Datasheet(HTML) 11 Page - LEDTRONICS, INC

Back Button BPF120-0UR-005V Datasheet HTML 7Page - LEDTRONICS, INC BPF120-0UR-005V Datasheet HTML 8Page - LEDTRONICS, INC BPF120-0UR-005V Datasheet HTML 9Page - LEDTRONICS, INC BPF120-0UR-005V Datasheet HTML 10Page - LEDTRONICS, INC BPF120-0UR-005V Datasheet HTML 11Page - LEDTRONICS, INC BPF120-0UR-005V Datasheet HTML 12Page - LEDTRONICS, INC BPF120-0UR-005V Datasheet HTML 13Page - LEDTRONICS, INC BPF120-0UR-005V Datasheet HTML 14Page - LEDTRONICS, INC BPF120-0UR-005V Datasheet HTML 15Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
T1-3/4 (5mm) Midget Groove Based LEDs
Electrical-Optical
Characteristics (Ta = 25ºC)
Voltage
V typ
Part Number
Current
mA typ
Subminiature Packages
Replaces
Incandescent
Intensity
mcd
Special Features
All dimensions in inches. For millimeters multiply by 25.4
Angle
of
Illumi-
nation
Options
Series: G200
PN Example: G200-0UR-028B
Series: G206
PN Example: G206-0UO-028B
GF200
GF200-0UR-006B
GF200-0UR-014B
GF200-0UR-024B
GF200-0UR-028B
5/6V
24V
28V
20
20
15
15
334,388
334,388
B = BiPolar AC/DC
Replace GF200 With G200
Narrow (15º) Beam
Intensity 1.6K mcd/52 Ft.Cd
@20 mA
Center Contact Polarity
337,379,398
386
12/14V
120º
115
115
85
85
Replace GF200 With G200
Narrow (15º) Beam
Intensity 3.5K mcd@20 mA
Center Contact Polarity
B = BiPolar AC/DC
GF200
GF200-0UO-006B
GF200-0UO-014B
GF200-0UO-024B
GF200-0UO-028B
5/6V
24V
28V
334,388
334,388
337,379,398
386
12/14V
120º
130
130
98
98
20
20
15
15
GF200
GF200-0UY-006B
GF200-0UY-014B
GF200-0UY-024B
GF200-0UY-028B
5/6V
24V
28V
20
20
15
15
334,388
334,388
116
116
75
75
Replace GF200 With G200
Narrow (15º) Beam
Intensity 3.2K mcd@20 mA
Center Contact Polarity
337,379,398
386
12/14V
120º
B = BiPolar AC/DC
GF200
GF200-0CW-006B
GF200-0CW-014B
GF200-0CW-024B
GF200-0CW-028B
5/6V
24V
28V
15
15
15
15
334,388
334,388
160
160
160
160
Replace GF200 With G200
Std. (50º) Beam Intensity
750 mcd/75 Ft. cd
Center Contact Polarity
337,379,398
386
12/14V
120º
B = BiPolar AC/DC
GF200
GF200-0UG-006B
GF200-0UG-014B
GF200-0UG-024B
GF200-0UG-028B
5/6V
24V
28V
20
20
15
15
334,388
334,388
58
58
44
44
Replace GF200 With G200
Narrow (12-15º) Beam
Intensity 1K mcd@ 20 mA
Center Contact Polarity
337,379,398
386
12/14V
120º
Center Contact
.63 MAX
.22
.20
.226 Dia
B = BiPolar AC/DC
GF200
GF200-0AG-006B
GF200-0AG-014B
GF200-0AG-024B
GF200-0AG-028B
5/6V
24V
28V
15
15
15
15
334,388
334,388
400
400
400
400
Replace GF200 With G200
Narrow (15º) Beam
Intensity 7Kmcd/250 Ft.Cd
Center Contact Polarity
337,379,398
386
12/14V
120º
B = BiPolar AC/DC
GF200
GF200-0PB-006B
GF200-0PB-014B
GF200-0PB-024B
GF200-0PB-028B
5/6V
24V
28V
15
15
15
15
334,388
334,388
Replace GF200 With G200
Std. (15º) Beam Intensity
2K mcd/60 Ft.Cd
Center Contact Polarity
337,379,398
386
12/14V
125
125
125
125
120º
.63 Max
.22
.226 Dia
.68
.22
.226 Dia
6 Multichip
Single Chip
Center Contact
.63 MAX
.22
.20
.226 Dia
Center Contact
.63 MAX
.22
.20
.226 Dia
Center Contact
.63 MAX
.22
.20
.226 Dia
Center Contact
.63 MAX
.22
.20
.226 Dia
Center Contact
.63 MAX
.22
.20
.226 Dia
Center Contact
.63 MAX
.22
.20
.226 Dia
B = BiPolar AC/DC
570nm Lime Green
InGaAIP
660nm Ultra Red
GaAIAs/GaAIAs
8000K Cool White
SiC/GaN
525nm Aqua Green
SiC/GaN
612nm Super Orange
InGaAIP
595nm Super Yellow
InGaAIP
470nm Super Blue
SiC/GaN
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com


Similar Part No. - BPF120-0UR-005V

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A Datasheet
434Kb / 5P
   Band Pass Filter
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A_17 Datasheet
458Kb / 5P
   WIRELESS COMPONENTS
BPF1608LM07R2400A YAGEO-BPF1608LM07R2400A Datasheet
372Kb / 5P
   Band Pass Filter
BPF1608LM11R2400A YAGEO-BPF1608LM11R2400A Datasheet
362Kb / 5P
   WIRELESS COMPONENTS
BPF1608LM17R2400A YAGEO-BPF1608LM17R2400A Datasheet
530Kb / 5P
   Band Pass Filter
More results

Similar Description - BPF120-0UR-005V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN10937 PHILIPS-AN10937_15 Datasheet
404Kb / 13P
   Dimmable LED based lamps
Rev. 1-23 May 2011
logo
Visual Communications C...
4307T VCC-4307T Datasheet
80Kb / 1P
   Solid State LED Lamps-Sub Miniature 1.65mm
logo
Chicago Miniature Lamp,...
4307T CML-4307T Datasheet
28Kb / 1P
   Solid State LED Lamps-Sub Miniature 1.65mm
HLMP0300 CML-HLMP0300 Datasheet
114Kb / 1P
   T-3/4 Sub Miniature LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG2E AVAGO-HLMP-EG2E Datasheet
163Kb / 8P
   Radiometrically Tested AlInGaP LED Lamps for Sensor- Based Applications
HLMP-ED80 AVAGO-HLMP-ED80 Datasheet
308Kb / 9P
   Radiometrically Tested AlInGaP II LED Lamps for Sensor-Based Applications
logo
Dialight Corporation
586-2701-201F DIALIGHT-586-2701-201F Datasheet
115Kb / 2P
   Single Chip BASED LED T3 1/4 MINIATURE SCREW (E10)
logo
Gilway Technical Lamp
L7387 GILWAY-L7387 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
L9389 GILWAY-L9389 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
logo
Dialight Corporation
586-2401-101F DIALIGHT-586-2401-101F Datasheet
108Kb / 2P
   Single Chip BASED LED T 3 1/4 MINIATURE BAYONET (BA9s)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com