Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPF120-0UR-014V Datasheet(PDF) 6 Page - LEDTRONICS, INC

Part # BPF120-0UR-014V
Description  Miniature Based LED Lamps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

BPF120-0UR-014V Datasheet(HTML) 6 Page - LEDTRONICS, INC

Back Button BPF120-0UR-014V Datasheet HTML 2Page - LEDTRONICS, INC BPF120-0UR-014V Datasheet HTML 3Page - LEDTRONICS, INC BPF120-0UR-014V Datasheet HTML 4Page - LEDTRONICS, INC BPF120-0UR-014V Datasheet HTML 5Page - LEDTRONICS, INC BPF120-0UR-014V Datasheet HTML 6Page - LEDTRONICS, INC BPF120-0UR-014V Datasheet HTML 7Page - LEDTRONICS, INC BPF120-0UR-014V Datasheet HTML 8Page - LEDTRONICS, INC BPF120-0UR-014V Datasheet HTML 9Page - LEDTRONICS, INC BPF120-0UR-014V Datasheet HTML 10Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
T1(3mm) Sub-Midget Based LEDs
Electrical-Optical
Characteristics (Ta = 25ºC)
Voltage
V typ
Part Number
Current
mA typ
Subminiature Packages
FF120
FF120-0UR-005P
FF120-0UR-018P
FF120-0UR-024P
FF120-0UR-028P
Replaces
Incandescent
682,685,714,718
6839
6839
Intensity
mcd
5V
20
18V
24V
28V
15
12
12
7241
100
50
33
33
Special Features
P = Positive
N = Negative
Replace FF120 With F120
Standard (65º) Beam
Intensity 180 mcd/30 Ft.Cd
Center Contact Polarity
All dimensions in inches. For millimeters multiply by 25.4
120º
Angle
of
Illumi-
nation
Center
Contact
.180
.429
.157 Dia
F121
Ceramic Base
Replace FF120 With F120
Medium (50º) Beam
Intensity 350 mcd
Center Contact Polarity
FF120
682,685,714,718
6839
6839
5V
18V
24V
28V
7241
85
64
51
51
120º
Center
Contact
.180
F121
Ceramic Base
20
15
12
12
FF120
682,685,714,718
6839
6839
5V
20
18V
24V
28V
15
12
12
7241
32
21
15
15
Replace FF120 With F120
Medium (50º) Beam
Intensity 1K mcd
Center Contact Polarity
120º
Center
Contact
.180
.429
.157 Dia
F121
Ceramic Base
682,685,714,718
6839
6839
5V
15
18V
24V
28V
15
10
10
7241
150
150
100
100
P = Positive
N = Negative
Replace FF120 With F120
Std. (50º) Beam Intensity
650 mcd/75 Ft. cd
Center Contact Polarity
.180
Center
Contact
.429
.157 Dia
120º
FF120
F121
Ceramic Base
FF120
682,685,714,718
6839
6839
5V
20
18V
24V
28V
15
12
12
7241
36
27
22
22
P = Positive
N = Negative
Replace FF120 With F120
Medium (50º) Beam
Intensity 165 mcd@ 20 mA
Center Contact Polarity
120º
Center
Contact
.180
.429
.157 Dia
F121
Ceramic Base
FF120
682,685,714,718
6839
6839
5V
15
18V
24V
28V
15
10
10
7241
200
200
150
150
P = Positive
N = Negative
Replace FF120 With F120
Narrow (15º) Beam
Intensity 5K mcd/145 Ft.Cd
Center Contact Polarity
120º
Center
Contact
.180
.429
.157 Dia
F121
Ceramic Base
FF120
682,685,714,718
6839
6839
5V
15
18V
24V
28V
15
10
10
7241
P = Positive
N = Negative
Replace FF120 With F120
Std. (15º) Beam Intensity
1.5K mcd/32 Ft.Cd @15 mA
Center Contact Polarity
120º
Center
Contact
.180
.429
.157 Dia
F121
Ceramic Base
60
60
45
45
Ceramic Base
4 Multichip
Dual Chip
.38
.157 Dia
.180
.38
.157 Dia
.180
.415
.157 Dia
.180
.32
.157 Dia
.180
Options
Series: F120 (No Resistor)
PN Example: F120-0UR-002F
Series: F121 (1 Chip, 160º)
PN Example: F121-0UY-005P
Series: F122 (2 Chip, 160º)
PN Example: F122-0UO-005P
Series: F124 (4 Chip, 160º)
PN Example: F124-0UR-028P
.429
.157 Dia
Series: HLC310 (Front Mount)
PN Example: HLC310CB1K-5V-P
Lens: HL230
Holder: HLC2020
See Data Sheet Log #119
for Complete Information
on Panel Mount LEDs
RFI EMI Shield
Series: HLD310 (Rear Mount)
PN Example: HLD310CW900-5V-P
FF120-0UO-005P
FF120-0UO-018P
FF120-0UO-024P
FF120-0UO-028P
FF120-0UY-005P
FF120-0UY-018P
FF120-0UY-024P
FF120-0UY-028P
FF120-0CW-005P
FF120-0CW-018P
FF120-0CW-024P
FF120-0CW-028P
FF120-0UG-005P
FF120-0UG-018P
FF120-0UG-024P
FF120-0UG-028P
FF120-0AG-005P
FF120-0AG-018P
FF120-0AG-024P
FF120-0AG-028P
FF120-0PB-005P
FF120-0PB-018P
FF120-0PB-024P
FF120-0PB-028P
P = Positive
N = Negative
P = Positive
N = Negative
570nm Lime Green
InGaAIP
660nm Ultra Red
GaAIAs/GaAIAs
8000K Cool White
SiC/GaN
525nm Aqua Green
SiC/GaN
612nm Super Orange
InGaAIP
595nm Super Yellow
InGaAIP
470nm Super Blue
SiC/GaN
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com


Similar Part No. - BPF120-0UR-014V

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A Datasheet
434Kb / 5P
   Band Pass Filter
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A_17 Datasheet
458Kb / 5P
   WIRELESS COMPONENTS
BPF1608LM07R2400A YAGEO-BPF1608LM07R2400A Datasheet
372Kb / 5P
   Band Pass Filter
BPF1608LM11R2400A YAGEO-BPF1608LM11R2400A Datasheet
362Kb / 5P
   WIRELESS COMPONENTS
BPF1608LM17R2400A YAGEO-BPF1608LM17R2400A Datasheet
530Kb / 5P
   Band Pass Filter
More results

Similar Description - BPF120-0UR-014V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN10937 PHILIPS-AN10937_15 Datasheet
404Kb / 13P
   Dimmable LED based lamps
Rev. 1-23 May 2011
logo
Visual Communications C...
4307T VCC-4307T Datasheet
80Kb / 1P
   Solid State LED Lamps-Sub Miniature 1.65mm
logo
Chicago Miniature Lamp,...
4307T CML-4307T Datasheet
28Kb / 1P
   Solid State LED Lamps-Sub Miniature 1.65mm
HLMP0300 CML-HLMP0300 Datasheet
114Kb / 1P
   T-3/4 Sub Miniature LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG2E AVAGO-HLMP-EG2E Datasheet
163Kb / 8P
   Radiometrically Tested AlInGaP LED Lamps for Sensor- Based Applications
HLMP-ED80 AVAGO-HLMP-ED80 Datasheet
308Kb / 9P
   Radiometrically Tested AlInGaP II LED Lamps for Sensor-Based Applications
logo
Dialight Corporation
586-2701-201F DIALIGHT-586-2701-201F Datasheet
115Kb / 2P
   Single Chip BASED LED T3 1/4 MINIATURE SCREW (E10)
logo
Gilway Technical Lamp
L7387 GILWAY-L7387 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
L9389 GILWAY-L9389 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
logo
Dialight Corporation
586-2401-101F DIALIGHT-586-2401-101F Datasheet
108Kb / 2P
   Single Chip BASED LED T 3 1/4 MINIATURE BAYONET (BA9s)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com