Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPF120-0UO-005V Datasheet(PDF) 2 Page - LEDTRONICS, INC

Part # BPF120-0UO-005V
Description  Miniature Based LED Lamps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

BPF120-0UO-005V Datasheet(HTML) 2 Page - LEDTRONICS, INC

  BPF120-0UO-005V Datasheet HTML 1Page - LEDTRONICS, INC BPF120-0UO-005V Datasheet HTML 2Page - LEDTRONICS, INC BPF120-0UO-005V Datasheet HTML 3Page - LEDTRONICS, INC BPF120-0UO-005V Datasheet HTML 4Page - LEDTRONICS, INC BPF120-0UO-005V Datasheet HTML 5Page - LEDTRONICS, INC BPF120-0UO-005V Datasheet HTML 6Page - LEDTRONICS, INC BPF120-0UO-005V Datasheet HTML 7Page - LEDTRONICS, INC BPF120-0UO-005V Datasheet HTML 8Page - LEDTRONICS, INC BPF120-0UO-005V Datasheet HTML 9Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Once limited to simple status indicators, Light Emitting Diodes (LEDs) now play prominent
roles in back lighting, panel indication, decorative illumination, emergency lighting, animated
signage, etc.... The emergence of LEDs as a viable alternative to incandescent lighting can be
attributed to new manufacturing technologies, packaging innovations and an increasing
number of colors. These factors along with the growing awareness of the advantages of LEDs
(e.g., a life span measured in years not hours, vivid sunlight-visible colors and low power
requirements) have engineers, product designers, purchasing agents and component vendors
viewing LEDs in a whole new light.
For many applications LED lamps are superior to incandescent lighting. So why is it that in
tens of millions of switches, indicators, control panels, signs, annunciators, displays, decor
lights and dozens of other applications, design engineers still specify incandescent
technology? It might be that they’re just a few years behind what’s really happening in LED
illumination.
Although advances made in LED technology in the past few years have dramatically
broadened the applications for these rugged little light sources, it wasn’t that long ago that red
was the only “daylight-visible” colored LED. And that wasn’t the only thing limiting their use!
Unlike incandescent bulbs that give off the full spectrum of light in a spherical pattern, LEDs
emit a focused beam of a single wavelength (color) in only one direction, in a variety of angles.
For many applications, such as indicators or switch illuminators, this is not a problem, but it
took the development of multi-chip arrays and high-flux LED chips to begin to achieve the
effect of an incandescent filament.
Major advancements in LED technology have taken place in recent years such as
development of new “doping” technologies that increase LED light output by as much as 20
times over earlier generations, and allow the production of daylight-visible LEDs in virtually any
color of the spectrum. In addition to red, yellow, and amber/orange, LEDs are now available in
many colors from leaf green to ultra blue. Even white light, long thought to be an impossibility,
is now available in three different shades as a light-emitting diode.
The efficiency of LEDs is most apparent in applications requiring color. Light from a typical
incandescent bulb must be filtered so that only light from a particular part of the spectrum
(e.g., red, amber or green, etc...) for example—is visible. While LEDs deliver 100 percent of
their energy as colored light, incandescent bulbs waste 90 percent or more of their energy in
light blocked by the colored lens or filter. Incandescent bulbs also waste 80 percent to 90
percent of their energy on heat generation to reach the temperature for which (Kelvin scale)
they are designed.
The point is that what was once a fairly marginal light source isn’t marginal any more. In many
applications, LEDs exceed the energy available from incandescent bulbs and offer significant
additional benefits making LED clusters and lamps as friendly to the environment as they are
to the operating budget.


Similar Part No. - BPF120-0UO-005V

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A Datasheet
434Kb / 5P
   Band Pass Filter
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A_17 Datasheet
458Kb / 5P
   WIRELESS COMPONENTS
BPF1608LM07R2400A YAGEO-BPF1608LM07R2400A Datasheet
372Kb / 5P
   Band Pass Filter
BPF1608LM11R2400A YAGEO-BPF1608LM11R2400A Datasheet
362Kb / 5P
   WIRELESS COMPONENTS
BPF1608LM17R2400A YAGEO-BPF1608LM17R2400A Datasheet
530Kb / 5P
   Band Pass Filter
More results

Similar Description - BPF120-0UO-005V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN10937 PHILIPS-AN10937_15 Datasheet
404Kb / 13P
   Dimmable LED based lamps
Rev. 1-23 May 2011
logo
Visual Communications C...
4307T VCC-4307T Datasheet
80Kb / 1P
   Solid State LED Lamps-Sub Miniature 1.65mm
logo
Chicago Miniature Lamp,...
4307T CML-4307T Datasheet
28Kb / 1P
   Solid State LED Lamps-Sub Miniature 1.65mm
HLMP0300 CML-HLMP0300 Datasheet
114Kb / 1P
   T-3/4 Sub Miniature LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG2E AVAGO-HLMP-EG2E Datasheet
163Kb / 8P
   Radiometrically Tested AlInGaP LED Lamps for Sensor- Based Applications
HLMP-ED80 AVAGO-HLMP-ED80 Datasheet
308Kb / 9P
   Radiometrically Tested AlInGaP II LED Lamps for Sensor-Based Applications
logo
Dialight Corporation
586-2701-201F DIALIGHT-586-2701-201F Datasheet
115Kb / 2P
   Single Chip BASED LED T3 1/4 MINIATURE SCREW (E10)
logo
Gilway Technical Lamp
L7387 GILWAY-L7387 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
L9389 GILWAY-L9389 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
logo
Dialight Corporation
586-2401-101F DIALIGHT-586-2401-101F Datasheet
108Kb / 2P
   Single Chip BASED LED T 3 1/4 MINIATURE BAYONET (BA9s)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com