Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STY30NK90Z Datasheet(PDF) 9 Page - STMicroelectronics

Part # STY30NK90Z
Description  N-CHANNEL 900V - 0.21ohm - 26A Max247 Zener-Protected SuperMESH MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STY30NK90Z Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STY30NK90Z Datasheet HTML 5Page - STMicroelectronics STY30NK90Z Datasheet HTML 6Page - STMicroelectronics STY30NK90Z Datasheet HTML 7Page - STMicroelectronics STY30NK90Z Datasheet HTML 8Page - STMicroelectronics STY30NK90Z Datasheet HTML 9Page - STMicroelectronics STY30NK90Z Datasheet HTML 10Page - STMicroelectronics STY30NK90Z Datasheet HTML 11Page - STMicroelectronics STY30NK90Z Datasheet HTML 12Page - STMicroelectronics STY30NK90Z Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STY30NK90Z
Test circuit
9/14
3
Test circuit
Figure 13. Switching times test circuit for
resistive load
Figure 14. Gate charge test circuit
Figure 15. Test circuit for inductive load
switching and diode recovery times
Figure 16. Unclamped Inductive load test
circuit


Similar Part No. - STY30NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY30NA50 STMICROELECTRONICS-STY30NA50 Datasheet
48Kb / 4P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
More results

Similar Description - STY30NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP6NK90Z STMICROELECTRONICS-STP6NK90Z Datasheet
483Kb / 12P
   N-channel 900V - 1.56 - 5.8A Zener-protected SuperMESH Power MOSFET
March 2003
STY60NK30Z STMICROELECTRONICS-STY60NK30Z Datasheet
187Kb / 8P
   N-CHANNEL 300V - 0.033ohm - 60A Max247 Zener-Protected SuperMESH Power MOSFET
STE30NK90Z STMICROELECTRONICS-STE30NK90Z Datasheet
228Kb / 10P
   N-CHANNEL 900V - 0.21??- 28A ISOTOP Zener-Protected SuperMESH??MOSFET
STW15NK90Z STMICROELECTRONICS-STW15NK90Z Datasheet
208Kb / 9P
   N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET
STW11NK90Z STMICROELECTRONICS-STW11NK90Z Datasheet
239Kb / 12P
   N-channel 900V - 0.82OHM - 9.2A - TO-247 Zener-protected SuperMESH Power MOSFET
STW12NK90Z STMICROELECTRONICS-STW12NK90Z Datasheet
267Kb / 14P
   N-CHANNEL 900V - 0.72 ohm - 11A TO-247 Zener-Protected SuperMESH Power MOSFET
STD2NK60Z STMICROELECTRONICS-STD2NK60Z Datasheet
762Kb / 16P
   Zener-Protected SuperMESH MOSFET
STP5NK90Z STMICROELECTRONICS-STP5NK90Z_06 Datasheet
402Kb / 15P
   N-channel 900V - 2廓 - 4.5A - TO-220/TO-220FP Zener - Protected SuperMESH??MOSFET
STD2NK90Z STMICROELECTRONICS-STD2NK90Z_06 Datasheet
604Kb / 18P
   N-channel 900V - 5廓 - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH??MOSFET
STP3HNK90Z STMICROELECTRONICS-STP3HNK90Z Datasheet
366Kb / 15P
   N-channel 900V - 0.35廓 - 3A - TO-220 - TO-220FP Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com