Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2521 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLK2521
Description  1 to 2.5 Gbps TRANSCEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2521 Datasheet(HTML) 5 Page - Texas Instruments

  TLK2521 Datasheet HTML 1Page - Texas Instruments TLK2521 Datasheet HTML 2Page - Texas Instruments TLK2521 Datasheet HTML 3Page - Texas Instruments TLK2521 Datasheet HTML 4Page - Texas Instruments TLK2521 Datasheet HTML 5Page - Texas Instruments TLK2521 Datasheet HTML 6Page - Texas Instruments TLK2521 Datasheet HTML 7Page - Texas Instruments TLK2521 Datasheet HTML 8Page - Texas Instruments TLK2521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TLK2521
1 to 2.5 Gbps TRANSCEIVER
SLLS574B − JULY 2003 − REVISED JANUARY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
parallel-to-serial
The parallel-to-serial shift register takes in the 20-bit wide data word multiplexed from the framing logic and
converts it to a serial stream. The shift register is clocked on both the rising and falling edge of the internally
generated bit clock, which is 10 times the GTX_CLK input frequency. The LSB (TD0) is transmitted first as
shown in Figure 3.
high-speed data output
The high-speed data output driver consists of a PECL-compatible differential pair that can be optimized for a
particular transmission line impedance and length. The line can be directly coupled or ac coupled. AC-coupling
is only recommended if the parallel TX data stream is encoded to achieve a dc-balanced data stream. See
Figure 11 and Figure 12 for termination details. No external pullup or pulldown resistors are required.
The TLK2521 provides a selectable signal preemphasis option for driving lossy media. The first bit of a run
length of same-value bits is driven to a larger output swing, which precompensates for signal inter-symbol
interference (ISI) in lossy media such as copper cables or printed circuit board traces due to preemphasis.
receive interface
The receiver portion of the TLK2521 accepts 20-bit framed differential serial data. The interpolator and clock
recovery circuit locks to the data stream and extracts the bit rate clock. This recovered clock is used to retime
the input data stream. The serial data is then aligned to the 20-bit word boundary by finding the start/stop bits,
and the 18-bit data is output on a 18-bit wide parallel bus synchronized to the extracted receive clock.
receive data bus
The receive bus interface drives 18-bit wide single-ended TTL parallel data at the RXD[0:17] pins. Data is valid
on the rising edge of RX_CLK. The RX_CLK is used as the recovered word clock. The data and clock signals
are aligned as shown in Figure 4. Detailed timing information can be found in the TTL output switching
characteristics table.
RX_CLK
RXDn
tsu
th
Figure 4. Receive Timing Waveform


Similar Part No. - TLK2521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2521IPAP TI1-TLK2521IPAP Datasheet
488Kb / 22P
[Old version datasheet]   1.0 to 2.5 Gbps 18-BIT SERDES
TLK2521IPAPG4 TI1-TLK2521IPAPG4 Datasheet
488Kb / 22P
[Old version datasheet]   1.0 to 2.5 Gbps 18-BIT SERDES
TLK2521IPAPR TI1-TLK2521IPAPR Datasheet
488Kb / 22P
[Old version datasheet]   1.0 to 2.5 Gbps 18-BIT SERDES
More results

Similar Description - TLK2521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK2501IRCPRG4 TI1-TLK2501IRCPRG4 Datasheet
1,002Kb / 31P
[Old version datasheet]   1.5 TO 2.5 GBPS TRANSCEIVER
TLK2501 TI-TLK2501 Datasheet
387Kb / 25P
[Old version datasheet]   1.5 TO 2.5 GBPS TRANSCEIVER
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI-TLK2711-SP Datasheet
310Kb / 21P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2541 TI-TLK2541 Datasheet
820Kb / 26P
[Old version datasheet]   1 TO 2.6 GBPS TRANSCEIVER
TLK2541PFP TI-TLK2541PFP Datasheet
779Kb / 26P
[Old version datasheet]   1 TO 2.6 GBPS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com