Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W551C010 Datasheet(PDF) 3 Page - Winbond

Part # W551C010
Description  Serial Voice Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W551C010 Datasheet(HTML) 3 Page - Winbond

  W551C010 Datasheet HTML 1Page - Winbond W551C010 Datasheet HTML 2Page - Winbond W551C010 Datasheet HTML 3Page - Winbond W551C010 Datasheet HTML 4Page - Winbond W551C010 Datasheet HTML 5Page - Winbond W551C010 Datasheet HTML 6Page - Winbond W551C010 Datasheet HTML 7Page - Winbond W551C010 Datasheet HTML 8Page - Winbond W551C010 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
W551Cxxx Data Sheet
Winbond Electronics Corp.
2
Release Date: January 2, 2001
General Description
The W551Cxxx series is designated to interface with Winbond PowerSpeech
, BandDirector, and
ViewTalk
family ICs directly. Application with PowerSpeech, BandDirector, and ViewTalkthe serial voice
memory W551Cxxx can lengthen the playback duration to meet the increasing market demand on complicated scenarios.
The W551Cxxx was already utilized the same serial interface as Winbond serial flash memory W55Fxx for designer to
simulate & verify the memory contents in advance. Besides that, W551Cxxx also provides a "Self-test mode" to verify
the voice memory contents easily and quickly.
1.1 W551Cxxx Product Selection Guide
W551Cxxx Serial Voice Memory is used to store pre-determined data. To communicate with W551Cxxx in
serial data mode, the connection interface total pin counts can be reduced to three pins only. The following table is
shown the product selection guide of part number vs. memory density.
Part #
W551C002
W551C005
W551C010
W551C020
W551C040
W551C060
W551C080
Density
256K bits
512K bits
1M bits
2M bits
4M bits
6M bits
8M bits


Similar Part No. - W551C010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W5500 ETC2-W5500 Datasheet
2Mb / 65P
   Supports 8 independent sockets simultaneously
logo
WIZnet Co., Ltd
W5500 WIZNET-W5500 Datasheet
1Mb / 66P
   Microcontroller
W5500 WIZNET-W5500 Datasheet
804Kb / 7P
   Plugin Network Module.
2020/10/07
W5500 WIZNET-W5500 Datasheet
501Kb / 8P
   Initial Release
1.0.0 2013-08-01
logo
Winbond
W55412A WINBOND-W55412A Datasheet
50Kb / 5P
   VOICE PROM (256K OTP)
More results

Similar Description - W551C010

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9893L OKI-MSM9893L Datasheet
146Kb / 9P
   4M-bit Serial Voice Flash Memory
MSM9892L OKI-MSM9892L Datasheet
107Kb / 7P
   2M-bit Serial Voice Flash Memory
MSM9894AL OKI-MSM9894AL Datasheet
114Kb / 7P
   8M-bit Serial Voice Flash Memory
logo
Holtek Semiconductor In...
HT83F02 HOLTEK-HT83F02 Datasheet
476Kb / 64P
   External Voice Memory Flash MCU
logo
OKI electronic componet...
MSM6595A OKI-MSM6595A Datasheet
165Kb / 13P
   1-Mbit Serial Voice ROM
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
   2-Mbit Serial Voice ROM
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
   3-Mbit Serial Voice ROM
logo
ATMEL Corporation
AT25F512 ATMEL-AT25F512 Datasheet
151Kb / 17P
   SPI Serial Memory
logo
ON Semiconductor
LE25U20AQG ONSEMI-LE25U20AQG Datasheet
182Kb / 21P
   Serial Flash Memory
October 2014 - Rev. 1
ENA2094 ONSEMI-ENA2094 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com