Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W551C060 Datasheet(PDF) 10 Page - Winbond

Part # W551C060
Description  Serial Voice Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W551C060 Datasheet(HTML) 10 Page - Winbond

Back Button W551C060 Datasheet HTML 6Page - Winbond W551C060 Datasheet HTML 7Page - Winbond W551C060 Datasheet HTML 8Page - Winbond W551C060 Datasheet HTML 9Page - Winbond W551C060 Datasheet HTML 10Page - Winbond W551C060 Datasheet HTML 11Page - Winbond W551C060 Datasheet HTML 12Page - Winbond W551C060 Datasheet HTML 13Page - Winbond W551C060 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
W551Cxxx Data Sheet
Winbond Electronics Corp.
9
Release Date: January 2, 2001
Electrical Characteristics
4.1 W551Cxxx Absolute Maximum Ratings
PARAMETER
SYMBOL
CONDITION
RATING
UNIT
Operation Temperature
TOPR
-
0 to +70
° C
Storage Temperature
TSTG
-
-65 to +150
° C
Power Supply (VDD-VSS)
VDD-VSS
-
-0.3 to +7.0
V
Input D.C. Voltage
VDC
All pins
-0.5 to Vcc+1.0
V
Transient Voltage (<20ns)
VTRAN
All pins
-1.0 to Vcc+1.0
V
4.2 W551Cxxx DC Characteristics
VDD = 4.5V, TA = 25
° C
LIMITS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating Voltage
VOP
-
2.4
(Note)
4.5
5.5
V
Operating Current
IOP
In normal read mode, DATA,
TEST & TEST_OUT pins open;
f=1MHz
-
5
10
mA


Similar Part No. - W551C060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W5500 ETC2-W5500 Datasheet
2Mb / 65P
   Supports 8 independent sockets simultaneously
logo
WIZnet Co., Ltd
W5500 WIZNET-W5500 Datasheet
1Mb / 66P
   Microcontroller
W5500 WIZNET-W5500 Datasheet
804Kb / 7P
   Plugin Network Module.
2020/10/07
W5500 WIZNET-W5500 Datasheet
501Kb / 8P
   Initial Release
1.0.0 2013-08-01
logo
Winbond
W55412A WINBOND-W55412A Datasheet
50Kb / 5P
   VOICE PROM (256K OTP)
More results

Similar Description - W551C060

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9893L OKI-MSM9893L Datasheet
146Kb / 9P
   4M-bit Serial Voice Flash Memory
MSM9892L OKI-MSM9892L Datasheet
107Kb / 7P
   2M-bit Serial Voice Flash Memory
MSM9894AL OKI-MSM9894AL Datasheet
114Kb / 7P
   8M-bit Serial Voice Flash Memory
logo
Holtek Semiconductor In...
HT83F02 HOLTEK-HT83F02 Datasheet
476Kb / 64P
   External Voice Memory Flash MCU
logo
OKI electronic componet...
MSM6595A OKI-MSM6595A Datasheet
165Kb / 13P
   1-Mbit Serial Voice ROM
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
   2-Mbit Serial Voice ROM
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
   3-Mbit Serial Voice ROM
logo
ATMEL Corporation
AT25F512 ATMEL-AT25F512 Datasheet
151Kb / 17P
   SPI Serial Memory
logo
ON Semiconductor
LE25U20AQG ONSEMI-LE25U20AQG Datasheet
182Kb / 21P
   Serial Flash Memory
October 2014 - Rev. 1
ENA2094 ONSEMI-ENA2094 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com