Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLM0605 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLM0605
Description  MULTI DISCRETE MODULE??SURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLM0605 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLM0605 Datasheet HTML 1Page - Central Semiconductor Corp CMLM0605 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS (SOT-563 Package): (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
MAXIMUM RATINGS Q1: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
200
mA
MAXIMUM RATINGS D1: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
Continuous Forward Current
IF
500
mA
Peak Repetitive Forward Current, tp
≤ 1ms
IFRM
3.5
A
Forward Surge Current, tp=8ms
IFSM
10
A
ELECTRICAL CHARACTERISTICS Q1: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICEV
VCE=30V, VEB=3.0V
-
-
50
nA
BVCBO
IC=10µA
60
96
-
V
BVCEO
IC=1.0mA
40
63
-
V
BVEBO
IE=10µA
6.0
8.0
V
VCE(SAT)
IC=10mA, IB=1.0mA
-
0.050
0.100
V
VCE(SAT)IC=50mA, IB=5.0mA
-
0.100
0.200
V
VBE(SAT)IC=10mA, IB=1.0mA
0.65
0.75
0.85
V
VBE(SAT)IC=50mA, IB=5.0mA
-
0.85
0.95
V
hFE
VCE=1.0V, IC=0.1mA
90
130
hFE
VCE=1.0V, IC=1.0mA
100
140
hFE
VCE=1.0V, IC=10mA
100
150
300
hFE
VCE=1.0V, IC=50mA
70
130
hFE
VCE=1.0V, IC=100mA
30
90
fT
VCE=20V, IC=10mA, f=100MHz
300
MHz
Cob
VCB=5.0V, IE=0, f=1.0MHz
4.0
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
8.0
pF
hie
VCE=10V, IC=1.0mA, f=1.0kHz
12
k
hre
VCE=10V, IC=1.0mA, f=1.0kHz
10
X10-4
CMLM0605
MULTI DISCRETE MODULE
SURFACE MOUNT
LOW VCE (SAT) SILICON PNP TRANSISTOR
AND
LOW VF SILICON SCHOTTKY DIODE
SOT-563 CASE
Central
Semiconductor Corp.
TM
R1 (22-February 2005)
DESCRIPTION:
The Central Semiconductor CMLM0605 is a single
PNP Transistor and Schottky Diode packaged in a
space saving SOT-563 case is designed for small
signal general purpose applications where size and
operational efficiency are prime requirements.
• Complementary Device: CMLM0405
• Combination Low VCE (SAT) Transistor and
Low VF Schottky Diode.
MARKING CODES: C65
TM


Similar Part No. - CMLM0605

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_10 Datasheet
587Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
   SCHOTTKY DIODE
More results

Similar Description - CMLM0605

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLM1074-M832D CENTRAL-CTLM1074-M832D Datasheet
241Kb / 2P
   MULTI DISCRETE MODULE ??SURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY RECTIFIER
CMLM0405 CENTRAL-CMLM0405 Datasheet
105Kb / 2P
   MULTI DISCRETE MODULE??SURFACE MOUNT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CTLM1034-M832D CENTRAL-CTLM1034-M832D Datasheet
241Kb / 2P
   MULTI DISCRETE MODULE ??SURFACE MOUNT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY RECTIFIER
CMLM7405 CENTRAL-CMLM7405 Datasheet
62Kb / 2P
   MULTI DISCRETE MODULE??SURFACE MOUNT HIGH CURRENT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405 Datasheet
62Kb / 2P
   MULTI DISCRETE MODULE??SURFACE MOUNT HIGH CURRENT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM0605 CENTRAL-CMLM0605_10 Datasheet
587Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM0405 CENTRAL-CMLM0405_10 Datasheet
587Kb / 2P
   SURFACE MOUNT LOW VCE(SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM0705 CENTRAL-CMLM0705 Datasheet
103Kb / 2P
   MULTI DISCRETE MODULE??SURFACE MOUNT SILICON SWITCHING PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CTLM1074-M832D CENTRAL-CTLM1074-M832D_10 Datasheet
479Kb / 2P
   SURFACE MOUNT SILICON LOW VCE(SAT) PNP TRANSISTOR AND LOW VF SCHOTTKY RECTIFIER
CMLM2205 CENTRAL-CMLM2205 Datasheet
104Kb / 2P
   MULTI DISCRETE MODULE??SURFACE MOUNT SILICON SWITCHING NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com