Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10H20EV8-4F Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 10H20EV8-4F
Description  ECL programmable array logic
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

10H20EV8-4F Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 10H20EV8-4F Datasheet HTML 5Page - NXP Semiconductors 10H20EV8-4F Datasheet HTML 6Page - NXP Semiconductors 10H20EV8-4F Datasheet HTML 7Page - NXP Semiconductors 10H20EV8-4F Datasheet HTML 8Page - NXP Semiconductors 10H20EV8-4F Datasheet HTML 9Page - NXP Semiconductors 10H20EV8-4F Datasheet HTML 10Page - NXP Semiconductors 10H20EV8-4F Datasheet HTML 11Page - NXP Semiconductors 10H20EV8-4F Datasheet HTML 12Page - NXP Semiconductors 10H20EV8-4F Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
10H20EV8/10020EV8
ECL programmable array logic
October 22, 1993
121
AC TEST CIRCUIT
PULSE
GENERATOR
SCOPE
RT
L1
L3
VCC
VCO1
VCO2
VEE
SCOPE
L2
RT
CL
I1
I11
CLK/I12
FM
FN
FX
FY
DUT
+2.0V + 0.010V
–2.5V + 0.010V FOR 10020EV8
–3.2V + 0.010V FOR 10H20EV8
25
µF
0.01
µF
NOTES:
1. Use decoupling capacitors of 0.1
µF and 25µF from GND to VCC, and 0.01µF and 25µF from GND to VEE (0.01 and 0.1µF capacitors
should be NPO Ceramic or MLC type). Decoupling capacitors should be placed as close as physically possible to the DUT and lead
length should be kept to less than 1/4 inch (6mm).
2. All unused inputs should be connected to either HIGH or LOW state consistent with the LOGIC function required.
3. All unused outputs are loaded with 50
Ω to GND.
4. L1 and L2 are equal length 50Ω impedance lines. L3, the distance from the DUT pin to the junction of the cable from the Pulse
Generator and the cable to the Scope, should not exceed 1/4 inch (6mm).
5. RT = 50Ω terminator internal to Scope.
6. The unmatched wire stub between coaxial cable and pins under test must be less than 1/4 inch (6mm) long for proper test.
7. CL = Fixture and stray capacitance ≤ 3pF.
8. Any unterminated stubs connected anywhere along the transmission line between the Pulse Generator and the DUT or between the
DUT and the Scope should not exceed 1/4 inch (6mm) in length (refer to section on AC setup procedure).
9. All 50
Ω resistors should have tolerance of ± 1% or better.
10. Test procedures are shown for only one input or set of input conditions. Other inputs are tested in the same manner.
25
µF
0.1
µF


Similar Part No. - 10H20EV8-4F

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
10H200 THINKISEMI-10H200 Datasheet
1Mb / 3P
   THINKI 10 Ampere,200 Volt Traditional Planar Process Schottky Barrier Rectifier
Rev.12T
More results

Similar Description - 10H20EV8-4F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PAL1016P8 NSC-PAL1016P8 Datasheet
216Kb / 6P
   3ns ECL ASPECT Programmable Array Logic
PAL20RA10 NSC-PAL20RA10 Datasheet
356Kb / 11P
   PROGRAMMABLE ARRAY LOGIC(PAL)
logo
List of Unclassifed Man...
82S100 ETC1-82S100 Datasheet
684Kb / 10P
   Field Programmable Logic Array
logo
National Semiconductor ...
PAL16RA8 NSC-PAL16RA8 Datasheet
328Kb / 10P
   PROGRAMMABLE ARRAY LOGIC(PAL)
logo
Rhombus Industries Inc.
PECL3-0.5 RHOMBUS-IND-PECL3-0.5 Datasheet
21Kb / 1P
   ECL Logic 3-Bit Programmable Delay Modules
logo
List of Unclassifed Man...
PA7024 ETC-PA7024 Datasheet
427Kb / 6P
   Programmable Electrically Erasable Logic Array
logo
Anachip Corp
PA7572 ANACHIP-PA7572 Datasheet
323Kb / 10P
   Programmable Electrically Erasable Logic Array
PA7540 ANACHIP-PA7540 Datasheet
239Kb / 10P
   PA7540 PEEL Array Programmable Electrically Erasable Logic Array
PA7536 ANACHIP-PA7536 Datasheet
246Kb / 10P
   PEEL Array-TM Programmable Electrically Erasable Logic Array
logo
Rhombus Industries Inc.
PPECL2P25 RHOMBUS-IND-PPECL2P25 Datasheet
29Kb / 1P
   100K ECL Logic 4-Bit Programmable Delay Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com