Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLT6427E Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLT6427E
Description  ENHANCED SPECIFICATION SURFACE MOUNT, PICOmini SILICON NPN DARLINGTON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLT6427E Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLT6427E Datasheet HTML 1Page - Central Semiconductor Corp CMLT6427E Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMLT6427E
ENHANCED SPECIFICATION
SURFACE MOUNT SILICON
NPN DARLINGTON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLT6427E is
an Enhanced Specification silicon NPN Darlington
transistor. High DC current gains, coupled with a low
saturation voltage, make this an excellent choice for
industrial/consumer applications where operational
efficiency and small size are top priority.
MARKING CODE: C64
SOT-563 CASE
Notes: (1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4mm2
FEATURES:
High current (500mA Max)
High DC current gain (15K Min)
Low saturation voltage (VCE(SAT)= 0.8V Max)
High input impedance
SOT-563 surface mount package
APPLICATIONS:
Motor drivers
Relay drivers
Pre-amplifier input applications
Voltage regulator controls
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
♦ Collector-Base Voltage
VCBO
60
V
♦ Collector-Emitter Voltage
VCES
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
12
V
Continuous Collector Current
IC
500
mA
Power Dissipation (Note 1)
PD
350
mW
Power Dissipation (Note 2)
PD
300
mW
Power Dissipation (Note 3)
PD
150
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance (Note 1)
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=30V
100
nA
♦ ICEO
VCE=25V
100
nA
IEBO
VEB=10V
100
nA
♦ BVCBO
IC=100μA
60
V
♦ BVCES
IC=100μA
60
V
BVCEO
IC=10mA
40
V
♦ Enhanced Specification
R3 (29-June 2015)
www.centr a lsemi.com


Similar Part No. - CMLT6427E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT6427E CENTRAL-CMLT6427E Datasheet
447Kb / 3P
   SURFACE MOUNT SILICON NPN DARLINGTON TRANSISTOR
CMLT6427E CENTRAL-CMLT6427E_10 Datasheet
524Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN DARLINGTON SILICON TRANSISTOR
More results

Similar Description - CMLT6427E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA14E CENTRAL-CMPTA14E Datasheet
140Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CMST6427E CENTRAL-CMST6427E_10 Datasheet
411Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CMLT6427E CENTRAL-CMLT6427E_10 Datasheet
524Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN DARLINGTON SILICON TRANSISTOR
CMST6427E CENTRAL-CMST6427E Datasheet
93Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON NPN DARLINGTON TRANSISTOR
CMLT5078E CENTRAL-CMLT5078E Datasheet
122Kb / 2P
   ENHANCED SPECIFICATION PICOmini SURFACE MOUNT SILICON DUAL TRANSISTORS
CMLT491E CENTRAL-CMLT491E Datasheet
92Kb / 2P
   SURFACE MOUNT PICOmini NPN SILICON TRANSISTOR
CZT5551E CENTRAL-CZT5551E Datasheet
152Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CXT5551E CENTRAL-CXT5551E Datasheet
127Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT2222AE CENTRAL-CMPT2222AE Datasheet
142Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT491E CENTRAL-CMPT491E_10 Datasheet
397Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com