Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2915 Datasheet(PDF) 9 Page - Ceramate Technical

Part # CM2915
Description  LCD Driver (19x4) with Key Scan (4x8)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CM2915 Datasheet(HTML) 9 Page - Ceramate Technical

Back Button CM2915 Datasheet HTML 5Page - Ceramate Technical CM2915 Datasheet HTML 6Page - Ceramate Technical CM2915 Datasheet HTML 7Page - Ceramate Technical CM2915 Datasheet HTML 8Page - Ceramate Technical CM2915 Datasheet HTML 9Page - Ceramate Technical CM2915 Datasheet HTML 10Page - Ceramate Technical CM2915 Datasheet HTML 11Page - Ceramate Technical CM2915 Datasheet HTML 12Page - Ceramate Technical CM2915 Datasheet HTML 13Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
CM2915
LCD Driver (19*4) with Key Scan (4*8)
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 9 of 19
Rev 1.0 Aug.1, 2003
B. Pulse Position Modulation
The transmission codes employ the PPM ( Pulse Position Modulation ) method to represent
their two logic states by
bit-0 ( 1.12 ms )
and
bit-1 ( 2.24 ms ) :


Similar Part No. - CM2915

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
More results

Similar Description - CM2915

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
   DUTY LCD DRIVER WITH KEY SCAN
NJU6436 NJRC-NJU6436 Datasheet
659Kb / 22P
   1/4 DUTY LCD DRIVER WITH KEY SCAN
logo
Hitachi Semiconductor
HD66724 HITACHI-HD66724 Datasheet
834Kb / 117P
   (Graphics LCD Controller/Driver with Key Scan Function)
logo
Holtek Semiconductor In...
HT16LK24 HOLTEK-HT16LK24 Datasheet
2Mb / 67P
   RAM Mapping 67횞4/63횞8 LCD Driver with Key Scan
logo
Tontek Design Technolog...
TT1668 TONTEK-TT1668 Datasheet
617Kb / 14P
   LED Driver with Key Scan Function
TT1628 TONTEK-TT1628 Datasheet
617Kb / 14P
   LED Driver with Key Scan Function
logo
EM Microelectronic - MA...
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
logo
LAPIS Semiconductor Co....
ML9092-01 LAPIS-ML9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner
logo
New Japan Radio
NJU6539 NJRC-NJU6539 Datasheet
47Kb / 5P
   1/8, 1/9, 1/10 DUTY BITMAP LCD DRIVER WITH KEY SCAN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com