Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2915 Datasheet(PDF) 10 Page - Ceramate Technical

Part # CM2915
Description  LCD Driver (19x4) with Key Scan (4x8)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CM2915 Datasheet(HTML) 10 Page - Ceramate Technical

Back Button CM2915 Datasheet HTML 6Page - Ceramate Technical CM2915 Datasheet HTML 7Page - Ceramate Technical CM2915 Datasheet HTML 8Page - Ceramate Technical CM2915 Datasheet HTML 9Page - Ceramate Technical CM2915 Datasheet HTML 10Page - Ceramate Technical CM2915 Datasheet HTML 11Page - Ceramate Technical CM2915 Datasheet HTML 12Page - Ceramate Technical CM2915 Datasheet HTML 13Page - Ceramate Technical CM2915 Datasheet HTML 14Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
CM2915
LCD Driver (19*4) with Key Scan (4*8)
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 10 of 19
Rev 1.0 Aug.1, 2003
6
To set the custom codes ( A0 - - - A15 )
The algorithm rule of the custom codes ( A0 - - - A15 ) can be selected by mask option,and the user can
choose the CM2915-1 or CM2915-2。
A.
The CM2915-1 custom code
The value of ROM1 (8 bits) & ROM2 (8 bits) are both “ 00H “,and it is decided by one
mask layer 。The A0 - - A7 are set by logical OR between the switches (S0 - - S7) and
ROM1。The A8 - - A15 equal some bits be inverted of A0 - - A7,the inversion are decided by logical
OR between the switches (S8 - - S15) and ROM2。
For example :
CM2915-1
S8
S0
C1
AIN
1 : Switch close
S9
S1
C2
S10
S2
C3
S11
S3
C4
S12
S4
C5
S13
S5
C6
S14
S6
C7
S15
S7
C8
0 : Switch open
1N4148
200K
1N4148
200K
1N4148
200K
1N4148
200K
1N4148
200K
1N4148
200K
1N4148
200K
1N4148
200K
RLCD-4
S0 - - S7
S8 - - S15
External switch S0 - - - S15 :
0
1
0
1
0
1
0
0
1
1
0
0
0
1
0
0
ROM1
ROM2
On chip ROM1,ROM2 :
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
(S0 - - S7)
OR
ROM1
A0 - - A7 :
0
1
0
1
0
1
0
0
(S8 - - S15)
OR
ROM2
A8’ - - A15’ :
1
1
0
0
0
1
0
0
x
x
↓ ↓ ↓ x ↓ ↓
1 : non-inversion
A0
A1
-
-
-
A5
-
-
0 : inversion
-
-
A2B A3B A4B
-
A6B A7B
A8 - - A15 :
0
1
1
0
1
1
1
1
A0 - - A7
A8 - - A15
Custom codes A0 - - - A15 :
0
1
0
1
0
1
0
0
0
1
1
0
1
1
1
1


Similar Part No. - CM2915

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
More results

Similar Description - CM2915

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
   DUTY LCD DRIVER WITH KEY SCAN
NJU6436 NJRC-NJU6436 Datasheet
659Kb / 22P
   1/4 DUTY LCD DRIVER WITH KEY SCAN
logo
Hitachi Semiconductor
HD66724 HITACHI-HD66724 Datasheet
834Kb / 117P
   (Graphics LCD Controller/Driver with Key Scan Function)
logo
Holtek Semiconductor In...
HT16LK24 HOLTEK-HT16LK24 Datasheet
2Mb / 67P
   RAM Mapping 67횞4/63횞8 LCD Driver with Key Scan
logo
Tontek Design Technolog...
TT1668 TONTEK-TT1668 Datasheet
617Kb / 14P
   LED Driver with Key Scan Function
TT1628 TONTEK-TT1628 Datasheet
617Kb / 14P
   LED Driver with Key Scan Function
logo
EM Microelectronic - MA...
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
   Ultra Low Power Microcontroller with 4x8 LCD Driver
logo
LAPIS Semiconductor Co....
ML9092-01 LAPIS-ML9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner
logo
New Japan Radio
NJU6539 NJRC-NJU6539 Datasheet
47Kb / 5P
   1/8, 1/9, 1/10 DUTY BITMAP LCD DRIVER WITH KEY SCAN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com