Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4005G Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 1N4005G
Description  Rectifiers(Rugged glass package, using a high temperature alloyed construction)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1N4005G Datasheet(HTML) 2 Page - NXP Semiconductors

  1N4005G Datasheet HTML 1Page - NXP Semiconductors 1N4005G Datasheet HTML 2Page - NXP Semiconductors 1N4005G Datasheet HTML 3Page - NXP Semiconductors 1N4005G Datasheet HTML 4Page - NXP Semiconductors 1N4005G Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1996 May 24
2
Philips Semiconductors
Product specification
Rectifiers
1N4001G to 1N4007G
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Available in ammo-pack.
DESCRIPTION
Rugged glass package, using a high
temperature alloyed construction.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
Fig.1 Simplified outline (SOD57) and symbol.
2/3 page (Datasheet)
MAM047
ka



LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
1N4001G
50
V
1N4002G
100
V
1N4003G
200
V
1N4004G
400
V
1N4005G
600
V
1N4006G
800
V
1N4007G
1000
V
VR
continuous reverse voltage
1N4001G
50
V
1N4002G
100
V
1N4003G
200
V
1N4004G
400
V
1N4005G
600
V
1N4006G
800
V
1N4007G
1000
V
IF(AV)
average forward current
averaged over any 20 ms
period; Tamb =75 °C; see Fig.2
1.00 A
averaged over any 20 ms
period; Tamb = 100 °C; see Fig.2
0.75 A
IF
continuous forward current
Tamb =75 °C; see Fig.2
1.00 A
IFRM
repetitive peak forward current
10
A
IFSM
non-repetitive peak forward current
half sinewave; 60 Hz
30
A
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
−65
+175
°C


Similar Part No. - 1N4005G

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N4005G GULFSEMI-1N4005G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Won-Top Electronics
1N4005G WTE-1N4005G Datasheet
53Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
logo
Microdiode Electronics ...
1N4005G CHENDA-1N4005G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
List of Unclassifed Man...
1N4005G ETC-1N4005G Datasheet
143Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Leshan Radio Company
1N4005G LRC-1N4005G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
More results

Similar Description - 1N4005G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-042XX8-13060 MA-COM-MADP-042XX8-13060_15 Datasheet
669Kb / 5P
   Rugged Silicon-Glass Construction
MADP-042XX8-1306X MA-COM-MADP-042XX8-1306X Datasheet
650Kb / 5P
   Rugged Silicon-Glass Construction
logo
TT Electronics.
TD4 TTELEC-TD4 Datasheet
306Kb / 2P
   rugged construction
logo
Ohmite Mfg. Co.
RES-50 OHMITE-RES-50 Datasheet
508Kb / 2P
   Rugged construction
logo
List of Unclassifed Man...
ATC200B ETC2-ATC200B Datasheet
247Kb / 6P
   Rugged Construction
ATC920C ETC2-ATC920C Datasheet
94Kb / 2P
   Rugged Construction
logo
Ohmite Mfg. Co.
RES-OD-OF-OA OHMITE-RES-OD-OF-OA Datasheet
303Kb / 2P
   Rugged construction
logo
List of Unclassifed Man...
ABS1699 ETC2-ABS1699 Datasheet
1Mb / 3P
   Durable, rugged construction
logo
Ultralife Corporation.
UBBL03 ULTRALIFE-UBBL03 Datasheet
501Kb / 2P
   Rugged case construction
Rev: L
logo
List of Unclassifed Man...
ARINC404A ETC2-ARINC404A Datasheet
658Kb / 3P
   Durable, rugged construction
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com