Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPD2838E Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPD2838E
Description  ENHANCED SPECIFICATION SURFACE MOUNT DUAL, SILICON SWITCHING DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPD2838E Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPD2838E Datasheet HTML 1Page - Central Semiconductor Corp CMPD2838E Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPD2836E
CMPD2838E
ENHANCED SPECIFICATION
SURFACE MOUNT
DUAL, SILICON
SWITCHING DIODES
SOT-23 CASE
Central
Semiconductor Corp.
TM
R2 (6-August 2003)
DESCRIPTION:
The Central Semiconductor CMPD2836E and
CMPD2838E are Enhanced versions of the
CMPD2836 and CMPD2838 High Speed
Switching Diodes. These devices are
manufactured by the epitaxial planar process, in
an epoxy molded surface mount SOT-23
package, designed for high speed switching
applications.
FEATURED ENHANCED SPECIFICATIONS:
BVR from 75V min to 120V min.
VF from 1.2V max to 1.0V max.
MAXIMUM RATINGS (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
120
V
Average Forward Current
IO
200
mA
Peak Forward Current (tp=1.0 s)
IFM
300
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
BVR
IR=100µA
120
150
V
IR
VR=80V
100
nA
VF
IF=10mA
0.72
0.85
V
VF
IF=50mA
0.84
0.95
V
VF
IF=100mA
0.92
1.0
V
CT
VR=0, f=1 MHz
1.5
4.0
pF
trr
IR=IF=10mA, RL=100Ω, Rec. to 1.0mA
4.0
ns
The following configurations are available:
CMPD2836E
DUAL, COMMON ANODE
MARKING CODE: CA2E
CMPD2838E
DUAL, COMMON CATHODE
MARKING CODE: CA6E
Enhanced specification.


Similar Part No. - CMPD2838E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD2838E CENTRAL-CMPD2838E Datasheet
536Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT DUAL, SILICON SWITCHING DIODES
CMPD2838E CENTRAL-CMPD2838E Datasheet
536Kb / 2P
   DUAL, SILICON SWITCHING DIODES
logo
Texas Instruments
CMPD2838E-NSA TI-CMPD2838E-NSA Datasheet
892Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
CMPD2838E-NSA TI1-CMPD2838E-NSA Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
More results

Similar Description - CMPD2838E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD2836E CENTRAL-CMPD2836E_10 Datasheet
536Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT DUAL, SILICON SWITCHING DIODES
CMPD7000E CENTRAL-CMPD7000E_10 Datasheet
470Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT DUAL, IN SERIES SILICON SWITCHING DIODES
CMPSH-3E CENTRAL-CMPSH-3E_10 Datasheet
664Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES
CMSSH-3E CENTRAL-CMSSH-3E_10 Datasheet
676Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES
CMUD6263E CENTRAL-CMUD6263E_10 Datasheet
489Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES
CMPSH-3E CENTRAL-CMPSH-3E Datasheet
129Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES
CMPD7000E CENTRAL-CMPD7000E Datasheet
125Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT DUAL, SILICON SWITCHING DIODE SERIES CONNECTION
CMSSH-3E CENTRAL-CMSSH-3E Datasheet
134Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON SCHOTTKY DIODES
CMUD6263E CENTRAL-CMUD6263E Datasheet
151Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini SILICON SCHOTTKY DIODES
CMLT5078E CENTRAL-CMLT5078E Datasheet
122Kb / 2P
   ENHANCED SPECIFICATION PICOmini SURFACE MOUNT SILICON DUAL TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com