Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CO358 Datasheet(PDF) 2 Page - Ceramate Technical

Part # CO358
Description  Low Power Dual Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CO358 Datasheet(HTML) 2 Page - Ceramate Technical

  CO358 Datasheet HTML 1Page - Ceramate Technical CO358 Datasheet HTML 2Page - Ceramate Technical CO358 Datasheet HTML 3Page - Ceramate Technical CO358 Datasheet HTML 4Page - Ceramate Technical CO358 Datasheet HTML 5Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ORDERING INFORMATION
MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
Vcc
± 16
V
Differential Input Voltage
VI(DIFF)
16
V
Input Voltage
VI
± 16
V
Power Dissipation
Operating Temperature
TOPR
0 ~ +70
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Vcc=15.0V,VEE= -15V,TA=25°C, unless otherwise specified)
±
P-DIP 8
SOP 8
PD
550
400
mW
PARAMETER
SYMBOL
TEST CONDUCTION
MIN
TYP MAX
UNIT
Supply Current, all Amp, no load
Icc
1
2
mA
Input offset voltage
VIO
Rs<10k
7
mV
Input offset current
IIO
3
30
nA
Input bias current
IBIAS
45
150
nA
Large signal voltage gain
Gv
Vo(p-p)= ±10V,R L
≤ 2kΩ
25
V/mV
Common Mode Input Voltage
Range
VI(R)
Vcc-2
V
Common Mode Rejection Ratio
CMRR
Rs
≤ 10kΩ
70
85
dB
Supply Voltage Rejection Ratio
PSRR
Rs
≤10kΩ
dB
Output Voltage swing
Vo(p-p)
RL
≥10kΩ
±
12
±
14
V
Power Consumption
Pc
70
170
mV
Rise Time
TRIS
Vi= ± 20mV,RL
≥ 2kΩ,
CL
≤100pF
0.3
µs
Overshoot
OS
Vi= ±20mV,RL
≥ 2kΩ,
CL
≤100pF
15
%
Input Resistance
Ri
0.3
2
M
Output Resistance
Ro
75
Total Harmonic Distortion
THD
f=1kHz,Av=20dB, RL=2k
Ω,
Vo=2Vpp, CL=100pF
0.008
%
Channel Separation
Vo1/Vo2
120
dB
FREQUENCY CHARACTERISTICS( Ta=25°C ,Vcc=15V,Vee=-15V)
PARAMETER
SYMBOL
TEST CONDUCTION
MIN
TYP MAX
UNIT
Unity Gain Bandwidth
BW
2.0
2.8
MHz
Package
CO358N
Blank SO-8
N=PDIP8
A=SO-8 & taping
65
100
CO358
Low Power Dual Operational Amplifier
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 2 of 5
Rev 1.1 Apr. 15, 2005


Similar Part No. - CO358

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CO324 CERAMATE-CO324 Datasheet
455Kb / 5P
   Quad Ground Sense Operational Amplifier
logo
Suzhou HangJing Electro...
CO32C6 HANGJING-CO32C6 Datasheet
303Kb / 1P
   OSCILLATOR UNIT WITH HCSL OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
CO32D6 HANGJING-CO32D6 Datasheet
323Kb / 1P
   OSCILLATOR UNIT WITH LVDS OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
CO32H4 HANGJING-CO32H4 Datasheet
428Kb / 1P
   OSCILLATOR UNIT WITH CMOS OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
CO32P6 HANGJING-CO32P6 Datasheet
303Kb / 1P
   OSCILLATOR UNIT WITH LVPECL OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
More results

Similar Description - CO358

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
   Low power dual operational amplifier
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
   Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
   Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
   Low Power Dual Operational Amplifier
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
   Low power dual operational amplifier
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
   Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
   Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_V01 Datasheet
1Mb / 28P
   Low-power dual operational amplifier
Rev 20 - August 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com