Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1PS184 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 1PS184
Description  High-speed double diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS184 Datasheet(HTML) 3 Page - NXP Semiconductors

  1PS184 Datasheet HTML 1Page - NXP Semiconductors 1PS184 Datasheet HTML 2Page - NXP Semiconductors 1PS184 Datasheet HTML 3Page - NXP Semiconductors 1PS184 Datasheet HTML 4Page - NXP Semiconductors 1PS184 Datasheet HTML 5Page - NXP Semiconductors 1PS184 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1996 Sep 03
3
Philips Semiconductors
Product specification
High-speed double diode
1PS184
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Per diode
VF
forward voltage
see Fig.3
IF =1mA
610
mV
IF =10mA
740
mV
IF =50mA
1.0
V
IF = 100 mA
1.2
V
IR
reverse current
see Fig.4
VR =25V
30
nA
VR =80V
0.5
µA
VR =25V; Tj = 150 °C
30
µA
VR =80V; Tj = 150 °C
100
µA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.5
1.5
pF
trr
reverse recovery time
when switched from IF = 10 mA to
IR = 10 mA; RL = 100 Ω;
measured at IR = 1 mA; see Fig.6
4ns
Vfr
forward recovery voltage
when switched from IF = 10 mA;
tr = 20 ns; see Fig.7
1.75
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
250
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W


Similar Part No. - 1PS184

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS184 PHILIPS-1PS184 Datasheet
40Kb / 6P
   High-speed double diode
1996 Sep 03
logo
Guangdong Kexin Industr...
1PS184 KEXIN-1PS184 Datasheet
42Kb / 1P
   High-Speed Double Diode
More results

Similar Description - 1PS184

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 26
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 06
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
   High-speed double diode
1999 May 05
1PS300 NXP-1PS300 Datasheet
127Kb / 8P
   High-speed double diode
1996 Oct 04
logo
Shenzhen Luguang Electr...
BAS56 LUGUANG-BAS56 Datasheet
281Kb / 4P
   High-speed Double Diode
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74_15 Datasheet
133Kb / 9P
   High-speed double diode
2004 Jan 14
logo
Guangdong Kexin Industr...
KAV70 KEXIN-KAV70 Datasheet
74Kb / 3P
   High-Speed Double Diode
BAS28 KEXIN-BAS28 Datasheet
40Kb / 2P
   High-Speed Double Diode
logo
Micro Commercial Compon...
BAS28 MCC-BAS28 Datasheet
376Kb / 3P
   High-Speed Double Diode
logo
Nexperia B.V. All right...
PMBD7100 NEXPERIA-PMBD7100 Datasheet
320Kb / 11P
   High-speed double diode
2003 Nov 07
logo
NXP Semiconductors
1PS301 PHILIPS-1PS301 Datasheet
67Kb / 8P
   High-speed double diode
1999 May 06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com