Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4748A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 1N4748A
Description  Voltage regulator diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1N4748A Datasheet(HTML) 5 Page - NXP Semiconductors

  1N4748A Datasheet HTML 1Page - NXP Semiconductors 1N4748A Datasheet HTML 2Page - NXP Semiconductors 1N4748A Datasheet HTML 3Page - NXP Semiconductors 1N4748A Datasheet HTML 4Page - NXP Semiconductors 1N4748A Datasheet HTML 5Page - NXP Semiconductors 1N4748A Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1996 Apr 26
5
Philips Semiconductors
Product specification
Voltage regulator diodes
1N4728A to 1N4749A
GRAPHICAL DATA
Fig.2 Thermal resistance from junction to tie-point; lead length 4 mm.
handbook, full pagewidth
10−1
110
102
103
104
105
MBG928
1
10
102
103
Rth j-tp
(K/W)
tp (ms)
tp
tp
T
T
δ =
δ = 1
0.02
0.01
0
0.75
0.50
0.33
0.20
0.10
0.05
Fig.3
Forward current as a function of
forward voltage.
handbook, halfpage
0
1.0
300
0
100
200
MBG925
0.5
VF (V)
IF
(mA)
(1)
(2)
(1) Tj = 200 °C; typical values.
(2) Tj =25 °C; typical values.


Similar Part No. - 1N4748A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4748A VISHAY-1N4748A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
1N4748A VISHAY-1N4748A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
1N4748A VISHAY-1N4748A Datasheet
117Kb / 5P
   Zener Diodes
Rev. 1.8, 22-Feb-06
logo
Anova Technologies CO.,...
1N4748A ANOVA-1N4748A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
List of Unclassifed Man...
1N4748A ETC1-1N4748A Datasheet
16Kb / 1P
   Zener Diodes
More results

Similar Description - 1N4748A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com