Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP34063N Datasheet(PDF) 7 Page - Ceramate Technical

Part # CP34063N
Description  1.5A,Step-Up/Down/Inverting Switching Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP34063N Datasheet(HTML) 7 Page - Ceramate Technical

Back Button CP34063N Datasheet HTML 2Page - Ceramate Technical CP34063N Datasheet HTML 3Page - Ceramate Technical CP34063N Datasheet HTML 4Page - Ceramate Technical CP34063N Datasheet HTML 5Page - Ceramate Technical CP34063N Datasheet HTML 6Page - Ceramate Technical CP34063N Datasheet HTML 7Page - Ceramate Technical CP34063N Datasheet HTML 8Page - Ceramate Technical CP34063N Datasheet HTML 9Page - Ceramate Technical CP34063N Datasheet HTML 10Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CP34063
1.5A,Step-Up/Down/Inverting Switching Regulators
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
1.25 V
Ref
Reg
Vout
5.0 V/500 mA
1.0 µH
Vout
+
100
Optional Filter
8
7
Rsc
0.33
6
Vin
25 V
100
+
R1 1.2 k
R2
3.6 k
SQ
R
Q2
Q1
Ipk
Osc
CT
VCC
+
-
Comp.
1
2
3
4
CT
470
pF
470
CO
+
5
L
1N5819
220 µH
Test
Conditions
Results
Line Regulation
Vin = 15 V to 25 V, IO = 500 mA
12 mV =
±0.12%
Load Regulation
Vin = 25 V, IO = 50 mA to 500 mA
3.0 mV =
±0.03%
Output Ripple
Vin = 25 V, IO = 500 mA
120 mVpp
Short Circuit Current
Vin = 25 V, RL = 0.1 Ω
1.1 A
Efficiency
Vin = 25 V, IO = 500 mA
83.7%
Output Ripple With Optional Filter
Vin = 25 V, IO = 500 mA
40 mVpp
Figure 10. Step–Down Converter
8
7
6
Rsc
Vin
1
2
Vout
8
7
6
Rsc
Vin
1
2
V
Figure 11. External Current Boost Connections for IC Peak Greater than 1.5 A
11a. External NPN Switch
11b. External PNP Saturated Switch
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
7 of 10
Rev 1.
1 Jul.18,2003


Similar Part No. - CP34063N

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP341V CENTRAL-CP341V Datasheet
42Kb / 1P
   Small Signal Transistors NPN - Low VCE(SAT) Transistor Chip
CP341V CENTRAL-CP341V_10 Datasheet
387Kb / 2P
   Small Signal Transistors NPN - Low VCE(SAT) Transistor Chip
CP343V CENTRAL-CP343V Datasheet
631Kb / 2P
   N-Channel Enhancement-Mode MOSFET Chip
CP343V-CXDM1002N CENTRAL-CP343V-CXDM1002N Datasheet
786Kb / 4P
   N-Channel MOSFET Die Enhancement-Mode
R0 27-August 2018
CP343X-CXDM1002N CENTRAL-CP343X-CXDM1002N Datasheet
786Kb / 4P
   N-Channel MOSFET Die Enhancement-Mode
R0 27-August 2018
More results

Similar Description - CP34063N

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV34063 AVICTEK-AV34063 Datasheet
257Kb / 8P
   1.5A,Step-Up/Down Inverting Switching Regulators
logo
Unisonic Technologies
MC3063 UTC-MC3063 Datasheet
188Kb / 4P
   1.5A,STEP-UP/DOWN/INVERTING SWITCHING REGULATORS
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
logo
ON Semiconductor
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
logo
Guangdong Kexin Industr...
MC34063 KEXIN-MC34063 Datasheet
54Kb / 2P
   1.2 A, Step-Up/Down/Inverting Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com