Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4003-A6 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # Q67040-S4003-A6
Description  SIPMOS Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4003-A6 Datasheet(HTML) 2 Page - Infineon Technologies AG

  Q67040-S4003-A6 Datasheet HTML 1Page - Infineon Technologies AG Q67040-S4003-A6 Datasheet HTML 2Page - Infineon Technologies AG Q67040-S4003-A6 Datasheet HTML 3Page - Infineon Technologies AG Q67040-S4003-A6 Datasheet HTML 4Page - Infineon Technologies AG Q67040-S4003-A6 Datasheet HTML 5Page - Infineon Technologies AG Q67040-S4003-A6 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4003-A6 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4003-A6 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BUZ 111S
Data Sheet
2
05.99
Thermal Characteristics
Parameter
Values
Symbol
Unit
typ.
max.
min.
Characteristics
RthJC
-
-
0.5
K/W
Thermal resistance, junction - case
-
Thermal resistance, junction - ambient, leded
RthJA
-
62
-
-
-
-
62
40
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area2)
RthJA
Electrical Characteristics, at
Tj = 25 ˚C, unless otherwise specified
Parameter
Symbol
Unit
Values
min.
max.
typ.
Static Characteristics
Drain- source breakdown voltage
VGS = 0 V, ID = 0.25 mA
-
V(BR)DSS
55
-
V
Gate threshold voltage,
VGS = VDS
ID = 240 µA
VGS(th)
4
3
2.1
Zero gate voltage drain current
VDS = 50 V, VGS = 0 V, Tj = 25 ˚C
VDS = 50 V, VGS = 0 V, Tj = 150 ˚C
-
-
IDSS
µA
1
100
0.1
-
Gate-source leakage current
VGS = 20 V, VDS = 0 V
IGSS
-
10
nA
100
Drain-Source on-state resistance
VGS = 10 V, ID = 80 A
RDS(on)
-
0.0065 0.008
1current limited by bond wire
2 Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer, 70µm thick) copper area for drain
connection. PCB is vertical without blown air.


Similar Part No. - Q67040-S4003-A6

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67040-S4003-A2 SIEMENS-Q67040-S4003-A2 Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
Q67040-S4003-A2 SIEMENS-Q67040-S4003-A2 Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
More results

Similar Description - Q67040-S4003-A6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com