Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMN4M8D Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HMN4M8D
Description  Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMN4M8D Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HMN4M8D Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMN4M8D Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMN4M8D Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMN4M8D Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMN4M8D Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMN4M8D Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMN4M8D Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMN4M8D Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMN4M8D Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HANBit
HMN4M8D
URL : www.hbe.co.kr
1
HANBit Electronics Co.,Ltd
Rev. 1.0 (May, 2002)
GENERAL DESCRIPTION
The HMN4M8D Nonvolatile SRAM is a 33,554,432-bit static RAM organized as 4,194,304 bytes by 8 bits.
The HMN4M8D has a self-contained lithium energy source provide reliable non-volatility coupled with the unlimited write
cycles of standard SRAM and integral control circuitry which constantly monitors the single 5V supply for an out-of-
tolerance condition. When such a condition occurs, the lithium energy source is automatically switched on to sustain the
memory until after VCC returns valid and write protection is unconditionally enabled to prevent garbled data. In addition the
SRAM is unconditionally write-protected to prevent an inadvertent write operation. At this time the integral energy source is
switched on to sustain the memory until after VCC returns valid.
The HMN4M8D uses extremely low standby current CMOS SRAM’s, coupled with small lithium coin cells to provide non-
volatility without long write-cycle times and the write-cycle limitations associated with EEPROM.
FEATURES
w
Access time : 70, 85, 120, 150 ns
w
High-density design : 32Mbit Design
w
Battery internally isolated until power is applied
w
Industry-standard 40-pin 4,096K x 8 pinout
w
Unlimited write cycles
w
Data retention in the absence of VCC
w
5-years minimum data retention in absence of power
w
Automatic write-protection during power-up/power-down
cycles
w
Data is automatically protected during power loss
w
Industrial temperature operation
OPTIONS
MARKING
w
Timing
70 ns
- 70
85 ns
- 85
120 ns
-100
150 ns
-150
Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
Part No. HMN4M8D
PIN ASSIGNMENT
DQ6
DQ7
/WE
A19
NC
1
40
13
28
15
26
16
25
11
30
12
29
14
27
2
39
4
37
5
36
7
34
10
31
8
33
6
35
9
32
17
24
A2
A21
A0
A7
A5
A4
A6
A1
A3
A12
A14
A16
DQ0
DQ1
DQ2
VSS
VCC
A11
A8
A9
A10
A13
A15
A17
/CE
/OE
40-pin Encapsulated Package
18
23
19
22
A18
A20
3
38
20
21
NC
NC
NC
NC
DQ5
DQ4
DQ3


Similar Part No. - HMN4M8D

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN4M8DE DLGHANBIT-HMN4M8DE Datasheet
584Kb / 7P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
HMN4M8DELF-70 DLGHANBIT-HMN4M8DELF-70 Datasheet
584Kb / 7P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN4M8DN HANBIT-HMN4M8DN Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 3.3V
HMN4M8DV HANBIT-HMN4M8DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 3.3V
HMN4M8DV-120 HANBIT-HMN4M8DV-120 Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 3.3V
More results

Similar Description - HMN4M8D

ManufacturerPart #DatasheetDescription
logo
DLG Hanbit co.,Ltd.
HMN4M8DE DLGHANBIT-HMN4M8DE Datasheet
584Kb / 7P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
HMN4M8DVB DLGHANBIT-HMN4M8DVB Datasheet
547Kb / 7P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP,3.3V
logo
Hanbit Electronics Co.,...
HMN4M8DV HANBIT-HMN4M8DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 3.3V
HMN1M8DN HANBIT-HMN1M8DN Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN2M8DE DLGHANBIT-HMN2M8DE Datasheet
571Kb / 7P
   Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 40Pin-DIP, 5V
logo
List of Unclassifed Man...
HMN12816D ETC-HMN12816D Datasheet
143Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
logo
Hanbit Electronics Co.,...
HMN12816D HANBIT-HMN12816D Datasheet
147Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
logo
DLG Hanbit co.,Ltd.
HMN2M8DVB DLGHANBIT-HMN2M8DVB Datasheet
548Kb / 7P
   Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 40Pin-DIP,3.3V
logo
Hanbit Electronics Co.,...
HMN2568D HANBIT-HMN2568D Datasheet
185Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com