Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJF15031 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CJF15031
Description  SILICON PLANAR POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJF15031 Datasheet(HTML) 2 Page - Continental Device India Limited

  CJF15031 Datasheet HTML 1Page - Continental Device India Limited CJF15031 Datasheet HTML 2Page - Continental Device India Limited CJF15031 Datasheet HTML 3Page - Continental Device India Limited CJF15031 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILICON PLANAR POWER TRANSISTORS
CJF15030 NPN
CJF15031
PNP
TO-220FP Fully Isolated
Plastic Package
ELECTRICAL CHARACTERISTICS (T
c=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
DC Current Gain
hFE *IC=0.1A, VCE=2V
40
IC=2.0A, VCE=2V
40
IC=3.0A, VCE=2V
40
IC=4.0A, VCE=2V
20
Collector Emitter Saturation Voltage
VCE(Sat) *IC=1A, IB=0.1A
0.5
V
Base Emitter on Voltage
VBE(on) *IC=1.0A, VCE=2V
1.0
V
DYNAMIC CHARACTERISTICS
Current Gain - Bandwidth Product **
fT
IC=500mA, VCE=10V
30
MHz
ftest=10MHz
* Pulse Test: Pulse Width <
300µs, Duty Cycle <2 %
** fT= Ihfel ftest.
Continental Device India Limited
Data Sheet
Page 2 of 4


Similar Part No. - CJF15031

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF15031 CDIL-CJF15031 Datasheet
228Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CJF15031PNP CDIL-CJF15031PNP Datasheet
228Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
More results

Similar Description - CJF15031

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF31 CDIL-CJF31 Datasheet
121Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CJF44H11 CDIL-CJF44H11 Datasheet
213Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CJF15030NPN CDIL-CJF15030NPN Datasheet
228Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CJF2955PNP CDIL-CJF2955PNP Datasheet
228Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CJF44HNPN CDIL-CJF44HNPN Datasheet
223Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CJF15028NPN CDIL-CJF15028NPN Datasheet
101Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CDN055NPN CDIL-CDN055NPN Datasheet
81Kb / 3P
   SILICON PLANAR POWER TRANSISTORS
CJF15028 CDIL-CJF15028 Datasheet
110Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CJF15032NPN CDIL-CJF15032NPN Datasheet
96Kb / 3P
   SILICON PLANAR POWER TRANSISTORS
CJF2955 CDIL-CJF2955 Datasheet
295Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
2N3055 TEL-2N3055 Datasheet
150Kb / 3P
   SILICON PLANAR POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com