Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMMT493 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMMT493
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMMT493 Datasheet(HTML) 1 Page - Continental Device India Limited

  CMMT493 Datasheet HTML 1Page - Continental Device India Limited CMMT493 Datasheet HTML 2Page - Continental Device India Limited CMMT493 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CMMT493
SOT-23
Formed SMD Package
Marking Code is =493
Medium Power Transistor
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNITS
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Collector Current Peak
ICM
A
Base Current
IB
mA
Power Dissipation @ Ta=25ºC
PD
mW
Operating And Storage Junction
Temperature Range
Tj, Tstg
ºC
Electrical Characterstics (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Collector Base Voltage
VCBO
IC=100µA, IE=0
120
V
Collector Emitter Voltage
*VCEO(sus)
IC=10mA, IB=0
100
V
Emitter Base Voltage
VEBO
IE=100µA, IC=0
5
V
Collector Cut Off Current
ICBO
VCB=100V, IE=0
100
nA
Collector Cut Off Current
ICES
VCE=100V, VBE=0
100
nA
Emitter Cut Off Current
IEBO
VEB=4V, IC=0
100
nA
IC=500mA, IB=50mA
0.30
V
IC=1A, IB=100mA
0.60
V
Base Emitter On Voltage
VBE(on)
VCE =10V, IC=1A
1.00
V
DC Current Gain
*hFE
VCE =10V, IC=1mA
100
VCE =10V, IC=250mA
100
300
VCE =10V, IC=500mA
60
VCE =10V, IC=1A
20
Transition Frequency
fT
VCE=10V, IC=50mA, f=100MHz
150
MHz
Output Capacitance
Cobo
VCB=10V, f=1MHz
10
pF
*Pulse Test: Pulse Width =300
µµs, Duty Cycle <2%
V
2
200
VBE(sat)
IC=1A, IB=100mA
1.15
VALUE
120
100
5
1
500
- 55 to +150
Collector Emitter Saturation
Voltage
VCE(sat)
Base Emitter Saturation Voltage
PIN CONFIGURATION (NPN)
1 = BASE
2 = EM ITTER
3 = COLLECTOR
2
1
3
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CMMT493

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMMT491 CDIL-CMMT491 Datasheet
112Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Rectron Semiconductor
CMMT491 RECTRON-CMMT491 Datasheet
27Kb / 2P
   SOT-23 - Power Transistor and Darlingtons
logo
List of Unclassifed Man...
CMMT495 ETC1-CMMT495 Datasheet
176Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Continental Device Indi...
CMMT495 CDIL-CMMT495 Datasheet
139Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Similar Description - CMMT493

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com