Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS51232M4L-17 Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMS51232M4L-17
Description  SRAM MODULE 2Mbyte (512K x 32-Bit), LOW POWER, 72-Pin SIMM 5V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMS51232M4L-17 Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMS51232M4L-17 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMS51232M4L-17 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMS51232M4L-17 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMS51232M4L-17 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMS51232M4L-17 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMS51232M4L-17 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMS51232M4L-17 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMS51232M4L-17 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMS51232M4L-17 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HANBit
HMS51232M4L
HANBit Electronics Co.,Ltd.
5
READ CYCLE
-55
-70
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNIT
Read Cycle Time
tRC
55
70
ns
Address Access Time
tAA
55
70
ns
Chip Select to Output
tCO
55
70
ns
Output Enable to Output
tOE
25
35
ns
Output Enable to Low-Z Output
tOLZ
5
5
ns
Chip Enable to Low-Z Output
tLZ
10
10
ns
Output Disable to High-Z Output
tOHZ
0
20
0
25
ns
Chip Disable to High-Z Output
tHZ
0
20
0
25
ns
Output Hold from Address Change
tOH
10
10
ns
WRITE CYCLE
-55
-70
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNIT
Write Cycle Time
tWC
55
70
ns
Chip Select to End of Write
tCW
45
60
ns
Address Set-up Time
tAS
0
0
ns
Address Valid to End of Write
tAW
45
60
ns
Write Pulse Width
tWP
40
50
ns
Write Recovery Time
tWR
0
0
ns
Write to Output High-Z
tWHZ
0
20
0
25
ns
Data to Write Time Overlap
tDW
25
30
ns
Data Hold from Write Time
tDH
0
0
ns
End of Write to Output Low-Z
tOW
5
5
ns


Similar Part No. - HMS51232M4L-17

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS51232M4G HANBIT-HMS51232M4G Datasheet
153Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 72PIN SIMM, 5V
HMS51232M4G-10 HANBIT-HMS51232M4G-10 Datasheet
153Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 72PIN SIMM, 5V
HMS51232M4G-10 HANBIT-HMS51232M4G-10 Datasheet
81Kb / 10P
   Synchronous DRAM Module 32Mbyte(4Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HMS51232M4G-12 HANBIT-HMS51232M4G-12 Datasheet
153Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 72PIN SIMM, 5V
HMS51232M4G-12 HANBIT-HMS51232M4G-12 Datasheet
81Kb / 10P
   Synchronous DRAM Module 32Mbyte(4Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HMS51232M4L-17

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS51232M4G HANBIT-HMS51232M4G Datasheet
153Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 72PIN SIMM, 5V
HMS51232M4V HANBIT-HMS51232M4V Datasheet
172Kb / 7P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 3.3V
HMS51232J4 HANBIT-HMS51232J4 Datasheet
69Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 68-Pin JLCC Packaging
HMS51232J4A HANBIT-HMS51232J4A Datasheet
163Kb / 6P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 68-Pin JLCC Packaging
HMS2M32M16V HANBIT-HMS2M32M16V Datasheet
81Kb / 8P
   SRAM MODULE 8Mbyte (2M x 32-Bit), 3.3V 72-Pin SIMM Design
HMF4M32M8GL HANBIT-HMF4M32M8GL Datasheet
422Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
HMF4M32M4GL HANBIT-HMF4M32M4GL Datasheet
420Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
HMF51232M4G HANBIT-HMF51232M4G Datasheet
418Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4V HANBIT-HMF51232M4V Datasheet
421Kb / 11P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
HMF51232M4D HANBIT-HMF51232M4D Datasheet
421Kb / 12P
   FLASH-ROM MODULE 2MByte (512K x 32-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com