Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL330KCPZ-RL Datasheet(PDF) 9 Page - Analog Devices

Part # ADXL330KCPZ-RL
Description  Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL330KCPZ-RL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADXL330KCPZ-RL Datasheet HTML 5Page - Analog Devices ADXL330KCPZ-RL Datasheet HTML 6Page - Analog Devices ADXL330KCPZ-RL Datasheet HTML 7Page - Analog Devices ADXL330KCPZ-RL Datasheet HTML 8Page - Analog Devices ADXL330KCPZ-RL Datasheet HTML 9Page - Analog Devices ADXL330KCPZ-RL Datasheet HTML 10Page - Analog Devices ADXL330KCPZ-RL Datasheet HTML 11Page - Analog Devices ADXL330KCPZ-RL Datasheet HTML 12Page - Analog Devices ADXL330KCPZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADXL330
Rev. 0 | Page 9 of 16
90
80
70
60
0
10
20
30
40
50
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
2.0
DRIFT (%)
Figure 23. X-Axis Sensitivity Drift Over Temperature, VS = 3 V
70
60
0
10
20
30
40
50
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
2.0
DRIFT (%)
Figure 24. Y-Axis Sensitivity Drift Over Temperature, VS = 3 V
25
20
15
10
5
0
–1.0
–0.6
–0.2
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
DRIFT (%)
Figure 25. Z-Axis Sensitivity Drift Over Temperature, VS = 3 V
0.33
0.32
0.31
0.30
0.29
0.28
0.27
–30
80
70
60
50
40
30
20
10
0
–10
–20
TEMPERATURE (°C)
N = 8
Figure 26. X-Axis Sensitivity vs. Temperature
8 Parts Soldered to PCB, VS = 3 V
0.33
0.32
0.31
0.30
0.29
0.28
0.27
–30
80
70
60
50
40
30
20
10
0
–10
–20
TEMPERATURE (°C)
N = 8
Figure 27. Y-Axis Sensitivity vs. Temperature
8 Parts Soldered to PCB, VS = 3 V
0.33
0.32
0.31
0.30
0.29
0.28
0.27
–30
80
70
60
50
40
30
20
10
0
–10
–20
TEMPERATURE (°C)
N = 8
Figure 28. Z-Axis Sensitivity vs. Temperature
8 Parts Soldered to PCB, VS = 3 V


Similar Part No. - ADXL330KCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL330KCPZ-RL1 AD-ADXL330KCPZ-RL1 Datasheet
489Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS짰 Accelerometer
REV. A
More results

Similar Description - ADXL330KCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL323 AD-ADXL323 Datasheet
293Kb / 16P
   Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL330 AD-ADXL330_07 Datasheet
489Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS짰 Accelerometer
REV. A
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL337BCPZ-RL AD-ADXL337BCPZ-RL Datasheet
357Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Small, Low Power, 3-Axis 짹3 g
REV. 0
ADXL337 AD-ADXL337 Datasheet
357Kb / 16P
   Small, Low Power, 3-Axis 짹3 g
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com