Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5118 Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G5118
Description  High Efficiency, Constant Current Output for 8 Series LEDs Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5118 Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

  G5118 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5118 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5118 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5118 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5118 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5118 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5118 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5118 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5118 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ver: 1.1
Sep 13, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G5114/G5116/G5118
Global Mixed-mode Technology Inc.
Package Information
SOT-23-5 Package
Note:
1. Package body sizes exclude mold flash protrusions or gate burrs
2. Tolerance ±0.1000 mm (4mil) unless otherwise specified
3. Coplanarity: 0.1000mm
4. Dimension L is measured in gage plane
DIMENSIONS IN MILLIMETER
SYMBOL
MIN
NOM
MAX
A
1.00
1.10
1.30
A1
0.00
-----
0.10
A2
0.70
0.80
0.90
b
0.35
0.40
0.50
C
0.10
0.15
0.25
D
2.70
2.90
3.10
E
1.40
1.60
1.80
e
-----
1.90(TYP)
-----
e1
-----
0.95
-----
H
2.60
2.80
3.00
L
0.37
------
-----
θ
1
E
e
D
H
θ1
L
C
b
A2
A1
A
e1
E
e
D
H
θ1
L
C
b
A2
A1
A
e1


Similar Part No. - G5118

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5110 GMT-G5110 Datasheet
91Kb / 1P
   600k/1.2MHz TFT-LCD Step-Up DC-DC Converter
logo
Heyco.
G5110 HEYCO-G5110 Datasheet
118Kb / 1P
   Tapered Caps and Plugs–NPT
logo
E-SWITCH
G511000 E-SWITCH-G511000 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
G511001 E-SWITCH-G511001 Datasheet
58Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
G511003 E-SWITCH-G511003 Datasheet
135Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - G5118

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5115 GMT-G5115 Datasheet
423Kb / 9P
   High Efficiency, Constant Current Output for 4 Series LEDs Driver
logo
Aimtron Technology
AT1312 AIMTRON-AT1312 Datasheet
408Kb / 16P
   High Efficiency, Constant Current White-LEDs Driver
logo
Global Mixed-mode Techn...
G2619 GMT-G2619 Datasheet
109Kb / 1P
   High Efficiency, Constant Current 20V White- LEDs Driver
AT1316A GMT-AT1316A Datasheet
101Kb / 1P
   High Efficiency, Constant Current 20V White-LEDs Driver
G2621 GMT-G2621 Datasheet
95Kb / 1P
   High Efficiency, Constant Current 40V White-LEDs Driver
AT5160 GMT-AT5160 Datasheet
121Kb / 2P
   High Efficiency, Constant Current 40V White-LEDs Driver
logo
Shenzhen Huazhimei Semi...
HM2805B HMSEMI-HM2805B Datasheet
1Mb / 16P
   High efficiency constant current limit current WLED driver
logo
STMicroelectronics
UM0677 STMICROELECTRONICS-UM0677 Datasheet
786Kb / 16P
   High-efficiency switching LED driver for high-current LEDs
logo
Maxic Technology Corpor...
MT777XL MAXIC-MT777XL Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
MT773XH MAXIC-MT773XH Datasheet
234Kb / 1P
   High Efficiency Buck Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com