Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PA1015 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 2PA1015
Description  PNP general purpose transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PA1015 Datasheet(HTML) 4 Page - NXP Semiconductors

  2PA1015 Datasheet HTML 1Page - NXP Semiconductors 2PA1015 Datasheet HTML 2Page - NXP Semiconductors 2PA1015 Datasheet HTML 3Page - NXP Semiconductors 2PA1015 Datasheet HTML 4Page - NXP Semiconductors 2PA1015 Datasheet HTML 5Page - NXP Semiconductors 2PA1015 Datasheet HTML 6Page - NXP Semiconductors 2PA1015 Datasheet HTML 7Page - NXP Semiconductors 2PA1015 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 08
4
Philips Semiconductors
Product specification
PNP general purpose transistor
2PA1015
PACKAGE OUTLINE
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.40
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
2.5
b1
0.66
0.56
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43
97-02-28
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3


Similar Part No. - 2PA1015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PA1576 PHILIPS-2PA1576 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
logo
Guangdong Kexin Industr...
2PA1576 KEXIN-2PA1576 Datasheet
47Kb / 1P
   PNP General Purpose Transistor
logo
NXP Semiconductors
2PA1576 NXP-2PA1576 Datasheet
91Kb / 7P
   PNP general-purpose transistor
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
2PA1576 NEXPERIA-2PA1576 Datasheet
1Mb / 7P
   PNP general-purpose transistor
Rev. 06 17 November 2009
logo
Guangdong Kexin Industr...
2PA1576Q KEXIN-2PA1576Q Datasheet
47Kb / 1P
   PNP General Purpose Transistor
More results

Similar Description - 2PA1015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com