Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSD8M64D8H-13 Datasheet(PDF) 2 Page - Hanbit Electronics Co.,Ltd

Part # HSD8M64D8H-13
Description  Synchronous DRAM Module 64Mbyte (8Mx64bit), DIMM based on 8Mx8,4Banks, 4K Ref., 3.3V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD8M64D8H-13 Datasheet(HTML) 2 Page - Hanbit Electronics Co.,Ltd

  HSD8M64D8H-13 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HSD8M64D8H-13 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD8M64D8H-13 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD8M64D8H-13 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD8M64D8H-13 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD8M64D8H-13 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD8M64D8H-13 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD8M64D8H-13 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD8M64D8H-13 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HANBit
HSD8M64D8H
URL:www.hbe.co.kr
2
HANBit Electronics Co.,Ltd.
REV.1.0(August.2002)
PIN ASSIGNMENT
PIN
Symbol
PIN
Symbol
PIN
Symbol
PIN
Symbol
PIN
Symbol
PIN
Symbol
1
Vss
29
DQM1
57
DQ18
85
Vss
113
DQM5
141
DQ50
2
DQ0
30
/CS0
58
DQ19
86
DQ32
114
NC
142
DQ51
3
DQ1
31
NC
59
Vcc
87
DQ33
115
/RAS
143
Vcc
4
DQ2
32
Vss
60
DQ20
88
DQ34
116
Vss
144
DQ52
5
DQ3
33
A0
61
NC
89
DQ35
117
A1
145
NC
6
Vcc
34
A2
62
NC
90
Vcc
118
A3
146
NC
7
DQ4
35
A4
63
NC
91
DQ36
119
A5
147
NC
8
DQ5
36
A6
64
Vss
92
DQ37
120
A7
148
Vss
9
DQ6
37
A8
65
DQ21
93
DQ38
121
A9
149
DQ53
10
DQ7
38
A10
66
DQ22
94
DQ39
122
BA0
150
DQ54
11
DQ8
39
BA1
67
DQ23
95
DQ40
123
A11
151
DQ55
12
Vss
40
Vcc
68
Vss
96
Vss
124
Vcc
152
Vss
13
DQ9
41
Vcc
69
DQ24
97
DQ41
125
CLK1
153
DQ56
14
DQ10
42
CLK0
70
DQ25
98
DQ42
126
NC
154
DQ57
15
DQ11
43
Vss
71
DQ26
99
DQ43
127
Vss
155
DQ58
16
DQ12
44
NC
72
DQ27
100
DQ44
128
CKE0
156
DQ59
17
DQ13
45
/CS2
73
Vcc
101
DQ45
129
NC
157
Vcc
18
Vcc
46
DQM2
74
DQ28
102
Vcc
130
DQM6
158
DQ60
19
DQ14
47
DQM3
75
DQ29
103
DQ46
131
DQM7
159
DQ61
20
DQ15
48
NC
76
DQ30
104
DQ47
132
NC
160
DQ62
21
NC
(CB0)
49
Vcc
77
DQ31
105
NC
(CB4)
133
Vcc
161
DQ63
22
NC
(CB1)
50
NC
78
Vss
106
NC
(CB5)
134
NC
162
Vss
23
Vss
51
NC
79
CLK2
107
Vss
135
NC
163
CLK3
24
NC
52
NC
(CB2)
80
NC
108
NC
136
NC
(CB6)
164
NC
25
NC
53
NC
(CB3)
81
WP
109
NC
137
NC
(CB7)
165
SA0
26
Vcc
54
Vss
82
SDA
110
Vcc
138
Vss
166
SA1
27
/WE
55
DQ16
83
SCL
111
/CAS
139
DQ48
167
SA2
28
DQM0
56
DQ17
84
Vcc
112
DQM4
140
DQ49
168
Vcc


Similar Part No. - HSD8M64D8H-13

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD8M64D8A HANBIT-HSD8M64D8A Datasheet
84Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx64bit),DIMM, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD8M64D8H-13

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD8M64D8A HANBIT-HSD8M64D8A Datasheet
84Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx64bit),DIMM, 4Banks, 4K Ref., 3.3V
HSD8M72D9A HANBIT-HSD8M72D9A Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD8M64D4B HANBIT-HSD8M64D4B Datasheet
85Kb / 11P
   Synchronous DRAM Module 64Mbyte (8Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD32M64D8A HANBIT-HSD32M64D8A Datasheet
84Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD8M64B4W HANBIT-HSD8M64B4W Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B8W HANBIT-HSD8M64B8W Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64D8H HANBIT-HSD16M64D8H Datasheet
91Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D16A HANBIT-HSD16M64D16A Datasheet
155Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A HANBIT-HSD16M64D8A Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com