Electronic Components Datasheet Search |
|
1N4742CG Datasheet(PDF) 1 Page - EIC discrete Semiconductors |
|
1N4742CG Datasheet(HTML) 1 Page - EIC discrete Semiconductors |
1 / 2 page 1N4728CG ~ 1N4764CG ZENER DIODES VZ : 3.3 to 100V PD : 1.0 Watt FEATURES : • Silicon planar power zener diodes. • For use in stabilizing and clipping circuits with high power rating. • Standard zener voltage tolerance is ± 2% • Other tolerances are available upon request. • Pb / RoHS Free MECHANICAL DATA : Case: DO-41 Glass Case Weight: approx. 0.35g Maximum Ratings and Thermal Characteristics Rating at 25 °C ambient temperature unless otherwise specified. Symbol Value Unit Zener Current see Table "Characteristics" Maximum Forward Voltage at IF = 200 mA. VF 1.2 V Power Dissipation PD 1.0 (1) W Thermal Resistance Junction to Ambient Air RθJA 100 (1) K / W Junction temperature TJ 175 °C Storage temperature range TS -55 to + 175 °C Note: (1) Valid provided that leads at a distance of 3/8” from case are kept at ambient temperature. Page 1 of 2 Rev. 03 : March 25, 2005 Parameter DO-41 Glass (DO-204AL) 0.102(2.6 )max. 0.161 (4.1) max. 0.034 (0.86)max. Dimensions in inches and ( millimeters ) 1.00 (25.4) min. 1.00 (25.4) min. Cathode Mark |
Similar Part No. - 1N4742CG |
|
Similar Description - 1N4742CG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |