Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSD8M64F8VA-12 Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HSD8M64F8VA-12
Description  Synchronous DRAM Module 64Mbyte ( 8M x 64-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD8M64F8VA-12 Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HSD8M64F8VA-12 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HSD8M64F8VA-12 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD8M64F8VA-12 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD8M64F8VA-12 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD8M64F8VA-12 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD8M64F8VA-12 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD8M64F8VA-12 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD8M64F8VA-12 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD8M64F8VA-12 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HANBit
HSD8M64F8V/VA
URL:www.hbe.co.kr
- 5 -
HANBit Electronics Co.,Ltd.
REV.1.0(August.2002)
ICC2N
CKE
≥ V
IH(min)
CS*
≥ V
IH(min),
tCC=10ns
Input signals are changed
one time during 20ns
120
Precharge standby current in
non power-down mode
ICC2NS
CKE
≥ V
IH(min)
CLK
≤ V
IL(max),
tCC=∞
Input signals are stable
48
mA
ICC3P
CKE
≤ V
IL(max), tCC=10ns
24
Active
standby
current
in
power-down mode
ICC3PS
CKE&CLK
≤ V
IL(max)
tCC=∞
24
mA
ICC3N
CKE
≥V
IH(min),
CS*
≥V
IH(min),
tCC=10ns
Input signals are changed
one time during 20ns
200
Active standby current in
non power-down mode
(One bank active)
ICC3NS
CKE
≥VIH(min)
CLK
≤VIL(max), t
CC=∞
Input signals are stable
120
mA
Operating current
(Burst mode)
ICC4
IO = 0 mA
Page burst
4Banks Activated
tCCD = 2CLKs
920
880
760
760
mA
1
Refresh current
ICC5
tRC ≥ tRC(min)
1080
1040
1000
1000
mA
2
G
8
mA
Self refresh current
ICC6
CKE
≤ 0.2V
F
3200
mA
Notes :
1. Measured with outputs open.
2. Refresh period is 64ms.
3. Unless otherwise noticed, input swing level is CMOS(VIH/VIL=VDDQ/VSSQ).
AC OPERATING TEST CONDITIONS
(vcc = 3.3V
± 0.3V, TA = 0 to 70° C)
PARAMETER
Value
UNIT
AC Input levels (Vih/Vil)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall time
tr/tf = 1/1
Ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2


Similar Part No. - HSD8M64F8VA-12

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD8M64B4W HANBIT-HSD8M64B4W Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B4W-10 HANBIT-HSD8M64B4W-10 Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B4W-10L HANBIT-HSD8M64B4W-10L Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B4W-12 HANBIT-HSD8M64B4W-12 Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B4W-13 HANBIT-HSD8M64B4W-13 Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD8M64F8VA-12

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD8M32F4V HANBIT-HSD8M32F4V Datasheet
82Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M32F4V HANBIT-HSD16M32F4V Datasheet
103Kb / 11P
   Synchronous DRAM Module 64Mbyte ( 16M x 32-Bit ) SMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD8M72D9A HANBIT-HSD8M72D9A Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64F8V HANBIT-HSD16M64F8V Datasheet
88Kb / 11P
   Synchronous DRAM Module, 128Mbyte ( 16M x 64-Bit ) SMM based on 16Mx8 4Banks, 4K Ref., 3.3V
HSD16M32F4VP HANBIT-HSD16M32F4VP Datasheet
96Kb / 9P
   Synchronous DRAM Module, 64Mbyte ( 16M x 32-Bit ) SMM based on 2Mx16Bitx4Banks, 4K Ref., 3.3V
HSD16M64D16A HANBIT-HSD16M64D16A Datasheet
155Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD64M64F8K HANBIT-HSD64M64F8K Datasheet
204Kb / 12P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8, 4Banks, 4K Ref., 3.3V
HSD64M64F8KA HANBIT-HSD64M64F8KA Datasheet
137Kb / 10P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8 ,4Banks, 4K Ref., 3.3V
HSD32M64F8V HANBIT-HSD32M64F8V Datasheet
89Kb / 11P
   Synchronous DRAM Module, 256Mbyte ( 32M x 64-Bit ) SMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD8M64D4B HANBIT-HSD8M64D4B Datasheet
85Kb / 11P
   Synchronous DRAM Module 64Mbyte (8Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com