Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSD8M64F8VA-F12 Datasheet(PDF) 9 Page - Hanbit Electronics Co.,Ltd

Part # HSD8M64F8VA-F12
Description  Synchronous DRAM Module 64Mbyte ( 8M x 64-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD8M64F8VA-F12 Datasheet(HTML) 9 Page - Hanbit Electronics Co.,Ltd

Back Button HSD8M64F8VA-F12 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD8M64F8VA-F12 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD8M64F8VA-F12 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD8M64F8VA-F12 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD8M64F8VA-F12 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD8M64F8VA-F12 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD8M64F8VA-F12 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD8M64F8VA-F12 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD8M64F8VA-F12 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HANBit
HSD8M64F8V/VA
URL:www.hbe.co.kr
- 9 -
HANBit Electronics Co.,Ltd.
REV.1.0(August.2002)
PACKAGING INFORMATION
Unit : mm
HSD8M64F8V
Connector Configuration
- Module PCB Bottom (PM) : 177986-2, 0.8mm Free Height Plugs, 60pins
- Main Board top (PB) : 5-179180-2,0.8mm Free Height Receptacles , 60pins
HSD8M64F8VA
Connector Configuration
- Module PCB Bottom (PM) : 177984-2, 0.8mm Free Height Plugs, 60pins
- Main Board top (PB) : 177983-2,0.8mm Free Height Receptacles , 60pins
5.00
4.00
3.75
4.60
MAIN BOARD
1.30
T = 7.3
PM
PB
9.00
8.00
7.75
4.6
MAIN BOARD
1.30
T = 11.3
PM
PB


Similar Part No. - HSD8M64F8VA-F12

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD8M64B4W HANBIT-HSD8M64B4W Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B4W-10 HANBIT-HSD8M64B4W-10 Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B4W-10L HANBIT-HSD8M64B4W-10L Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B4W-12 HANBIT-HSD8M64B4W-12 Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B4W-13 HANBIT-HSD8M64B4W-13 Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD8M64F8VA-F12

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD8M32F4V HANBIT-HSD8M32F4V Datasheet
82Kb / 11P
   Synchronous DRAM Module 32Mbyte ( 8M x 32-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M32F4V HANBIT-HSD16M32F4V Datasheet
103Kb / 11P
   Synchronous DRAM Module 64Mbyte ( 16M x 32-Bit ) SMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD8M72D9A HANBIT-HSD8M72D9A Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64F8V HANBIT-HSD16M64F8V Datasheet
88Kb / 11P
   Synchronous DRAM Module, 128Mbyte ( 16M x 64-Bit ) SMM based on 16Mx8 4Banks, 4K Ref., 3.3V
HSD16M32F4VP HANBIT-HSD16M32F4VP Datasheet
96Kb / 9P
   Synchronous DRAM Module, 64Mbyte ( 16M x 32-Bit ) SMM based on 2Mx16Bitx4Banks, 4K Ref., 3.3V
HSD16M64D16A HANBIT-HSD16M64D16A Datasheet
155Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD64M64F8K HANBIT-HSD64M64F8K Datasheet
204Kb / 12P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8, 4Banks, 4K Ref., 3.3V
HSD64M64F8KA HANBIT-HSD64M64F8KA Datasheet
137Kb / 10P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8 ,4Banks, 4K Ref., 3.3V
HSD32M64F8V HANBIT-HSD32M64F8V Datasheet
89Kb / 11P
   Synchronous DRAM Module, 256Mbyte ( 32M x 64-Bit ) SMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD8M64D4B HANBIT-HSD8M64D4B Datasheet
85Kb / 11P
   Synchronous DRAM Module 64Mbyte (8Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com