Electronic Components Datasheet Search |
|
BZX79B3V9 Datasheet(PDF) 1 Page - EIC discrete Semiconductors |
|
BZX79B3V9 Datasheet(HTML) 1 Page - EIC discrete Semiconductors |
1 / 2 page BZX79B Series ZENER DIODES VZ : 2.4 to 75V PD : 500mW FEATURES : • Higher zener voltages available on request. • Standard zener voltage tolerance is ± 2% • Other tolerances are available upon request. • Pb / RoHS Free MECHANICAL DATA : Case: DO-35 Glass Case Weight: approx. 0.13g Maximum Ratings and Thermal Characteristics Rating at 25 °C ambient temperature unless otherwise specified. Symbol Value Unit Zener Current see Table "Characteristics" Forward Voltage at IF = 10 mA. VF 0.9 V Power Dissipation at TL = 25°C PD 500 (1) mW Thermal Resistance Junction to Ambient Air RθJA 300 (1) °C/W Continuous Forward Current IF 250 mA Peak reverse power dissipation (non-repetitive) tp = 100 µs square wave Junction temperature TJ -65 to + 200 °C Storage temperature range TS -65 to + 200 °C Notes: (1) Valid provided that leads at a distance of 3/8” from case are kept at ambient temperature. Page 1 of 2 Rev. 02 : March 25, 2005 Parameter PZSM 40 W DO - 35 Glass (DO-204AH) 0.079(2.0 )max. 0.150 (3.8) max. 0.020 (0.52)max. Dimensions in inches and ( millimeters ) 1.00 (25.4) min. 1.00 (25.4) min. Cathode Mark |
Similar Part No. - BZX79B3V9 |
|
Similar Description - BZX79B3V9 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |