Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX384C8V2 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # BZX384C8V2
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZX384C8V2 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  BZX384C8V2 Datasheet HTML 1Page - EIC discrete Semiconductors BZX384C8V2 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BZX384C Series
FEATURES :
* Silicon Planar Power Zener Diodes
* The Zener voltages are graded according
to the internation E 24 standard.
* Standard Zener voltage tolerance is ± 5 %.
Replace "C" with "B" for ± 2 % tolerance.
* Pb / RoHS Free
MECHANICAL DATA
* Case : SOD-323 Plastic Package
* Weight : 0.004 gram
Maximum Ratings and Thermal Characteristics (Ta 25 °C unless otherwise noted)
Symbol
Value
Unit
IZM
250
mA
Ptot
200
(1)
Mw
Thermal Resistance
Junction to Ambient Air
Junction Temperature
TJ
150
°C
Storage Temperature Range
TS
-65 to + 150
°C
Notes:
(1) Device on fiberglass substrate
(2) Valid provided that electrodes are ambient temperature
Page 1 of 2
Rev. 02 : March 24, 2006
Parameter
Zener Current
Power Dissipation at Tamp = 25 °C
°C/W
RөJA
650
(2)
ZENER DIODES
2.80
2.30
1.80
1.60
Dimensions in millimeters
SOD-323
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - BZX384C8V2

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
BZX384C8V2 TAITRON-BZX384C8V2 Datasheet
296Kb / 4P
   0.2W Surface Mount Zener Diodes
logo
SynSemi, Inc.
BZX384C8V2 SYNSEMI-BZX384C8V2 Datasheet
102Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZX384C8V2 VISHAY-BZX384C8V2 Datasheet
113Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-May-13
logo
SUNMATE electronic Co.,...
BZX384C8V2 SUNMATE-BZX384C8V2 Datasheet
481Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
GUANGDONG HOTTECH INDUS...
BZX384C8V2 HOTTECH-BZX384C8V2 Datasheet
232Kb / 2P
   Plastic-Encapsulate Diodes
More results

Similar Description - BZX384C8V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com