Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79B13 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BZX79B13
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZX79B13 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BZX79B13 Datasheet HTML 1Page - EIC discrete Semiconductors BZX79B13 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Zener Voltage
Maximum Zener
Maximum Reverse Temp. coefficient
Admissible
Maximum
Type
VZ @ IZT
Impedance , f = 1kHz
Leakage Current
of Zener Voltage Zener Current
Capacitance
Number
Nom
1)
IZT
ZZT @ IZT ZZk @ IZK
IZK
IR
at VR
IZ
VR=0, f=1MHz
(V)
(mA)
(Ohms)
(Ohms)
(mA)
(
µA)
(V)
(mA)
(pF)
BZX79B2V4
2.4
5
100
600
1
50
1
-0.08...-0.06
167
450
BZX79B2V7
2.7
5
100
600
1
20
1
-0.08...-0.06
135
450
BZX79B3V0
3.0
5
95
600
1
10
1
-0.08...-0.05
125
450
BZX79B3V3
3.3
5
95
600
1
5
1
-0.08...-0.05
115
450
BZX79B3V6
3.6
5
90
600
1
5
1
-0.08...-0.04
105
450
BZX79B3V9
3.9
5
90
600
1
3
1
-0.07...-0.03
95
450
BZX79B4V3
4.3
5
90
600
1
3
1
-0.04...-0.01
90
450
BZX79B4V7
4.7
5
80
500
1
3
1
-0.03...+0.01
85
300
BZX79B5V1
5.1
5
60
480
1
2
1
-0.02...+0.05
80
300
BZX79B5V6
5.6
5
40
400
1
1
1
-0.01...+0.06
70
300
BZX79B6V2
6.2
5
10
150
1
3
2
0.00...0.07
64
200
BZX79B6V8
6.8
5
15
80
1
2
3
0.01...0.08
58
200
BZX79B7V5
7.5
5
15
80
1
1
5
0.01...0.09
53
150
BZX79B8V2
8.2
5
15
80
1
0.7
6
0.01...0.09
47
150
BZX79B9V1
9.1
5
15
100
1
0.5
7
0.02...0.10
43
150
BZX79B10
10
5
20
150
1
0.2
7.5
0.03...0.11
40
90
BZX79B11
11
5
20
150
1
0.1
8.5
0.03...0.11
36
85
BZX79B12
12
5
25
150
1
0.1
9
0.03...0.11
32
85
BZX79B13
13
5
30
170
1
0.1
10
0.03...0.11
29
80
BZX79B15
15
5
30
200
1
0.05
11
0.03...0.11
27
75
BZX79B16
16
5
40
200
1
0.05
12
0.03...0.11
24
75
BZX79B18
18
5
45
225
1
0.05
14
0.03...0.11
21
70
BZX79B20
20
5
55
225
1
0.05
15
0.03...0.11
20
60
BZX79B22
22
5
55
250
1
0.05
17
0.03...0.11
18
60
BZX79B24
24
5
70
250
1
0.05
18
0.04...0.12
16
55
BZX79B27
27
2
80
300
0.5
0.05
20
0.04...0.12
14
50
BZX79B30
30
2
80
300
0.5
0.05
22
0.04...0.12
13
50
BZX79B33
33
2
80
325
0.5
0.05
24
0.04...0.12
12
45
BZX79B36
36
2
90
350
0.5
0.05
27
0.04...0.12
11
45
BZX79B39
39
2
130
350
0.5
0.05
28
0.04...0.12
10
45
BZX79B43
43
2
150
375
0.5
0.05
32
0.04...0.12
9.2
40
BZX79B47
47
2
170
375
0.5
0.05
35
0.04...0.12
8.5
40
BZX79B51
51
2
180
400
0.5
0.05
38
0.04...0.12
7.8
40
BZX79B56
56
2
200
425
0.5
0.05
39
0.1(typ.)
7.1
40
BZX79B62
62
2
215
450
0.5
0.05
43
0.1(typ.)
6.4
35
BZX79B68
68
2
240
475
0.5
0.05
48
0.1(typ.)
5.8
35
BZX79B75
75
2
255
500
0.5
0.05
53
0.1(typ.)
5.3
35
Notes (1) Tested with pulses tp = 5 ms
(2) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
(3) The type number listed have a standard tolerance on the nominal zener voltage of
± 2.0%.
Page 2 of 2
Rev. 02 : March 25, 2005
α
mvz(% / °C)


Similar Part No. - BZX79B13

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BZX79B13 GE-BZX79B13 Datasheet
321Kb / 7P
   SILICON PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX79B13 TSC-BZX79B13 Datasheet
125Kb / 2P
   500 mW Hermetically Sealed Glass Zener Voltage Regulators
logo
SEMTECH ELECTRONICS LTD...
BZX79B13 SEMTECH_ELEC-BZX79B13 Datasheet
171Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX79B13 TSC-BZX79B13 Datasheet
202Kb / 4P
   Hermetically Sealed Glass Zener
logo
SEMTECH ELECTRONICS LTD...
BZX79B130 SEMTECH_ELEC-BZX79B130 Datasheet
171Kb / 2P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - BZX79B13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com