Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSS101 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # HSS101
Description  SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

HSS101 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  HSS101 Datasheet HTML 1Page - EIC discrete Semiconductors HSS101 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( HSS101 )
Forward Current VS. Forward Voltage
Reverse Current VS. Reverse Voltage
Diode capacitance VS. Reverse Voltage
Page 2 of 2
Rev. 02 : March 24, 2005
0
20
Reverse Voltage , VR (V)
0
0.4
1.0
Forward Voltage , VF (V)
10
-9
Reverse Voltage , VR (V)
0
10
20
30
25
0.2
0.6
0.8
1.2
30
0.8
1.8
15
5
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
-9
10
-8
10
-7
10
-6
10
-10
0
0.2
0.4
0.6
1.0
1.2
1.4
1.6
2.0
2.2
10


Similar Part No. - HSS101

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HSS1010A JLWORLD-HSS1010A Datasheet
2Mb / 1P
   Specification for other impedance is available upon request
HSS1010A-8 JLWORLD-HSS1010A-8 Datasheet
2Mb / 1P
   Specification for other impedance is available upon request
More results

Similar Description - HSS101

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com