Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z62V Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # MM5Z62V
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MM5Z62V Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  MM5Z62V Datasheet HTML 1Page - EIC discrete Semiconductors MM5Z62V Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MM5Z2V4 - MM5Z75V
ZENER DIODES
VZ : 2.4 to 75 V
PD : 200 mW
FEATURES :
* Steady State Power Rating of 200 mW
* Standard Zener Breakdown Voltage Range 2.4V to 75V
* Pb / RoHS Free
MECHANICAL DATA :
* LEAD FINISH : 100% Matte Sn (Tin)
* MOUNTING POSITION : Any
* QUALIFIED MAX REFLOW TEMPERATURE : 260 °C
Maximum Ratings and Thermal Characteristics
Symbol
Value
Unit
Total Device Dissipation FR-5 Board, at Ta = 25 °C
PD
200
mW
Junction Temperature Range
TJ
-65 to + 150
°C
Storage Temperature Range
TSTG
-65 to + 150
°C
Page 1 of 2
Rev. 01 : March 10, 2006
Parameter
1.65
1.55
1.25
1.15
Dimensions in millimeters
SOD-523
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - MM5Z62V

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MM5Z62V WEITRON-MM5Z62V Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
Shenzhen Luguang Electr...
MM5Z62V LUGUANG-MM5Z62V Datasheet
2Mb / 4P
   Zener Diodes
logo
Fairchild Semiconductor
MM5Z62V FAIRCHILD-MM5Z62V Datasheet
177Kb / 4P
   Zener Diodes
logo
Weitron Technology
MM5Z62V WEITRON-MM5Z62V Datasheet
424Kb / 3P
   Surface Mount Zener Diodes
logo
Shenzhen Luguang Electr...
MM5Z62V LUGUANG-MM5Z62V Datasheet
159Kb / 2P
   Zener Diodes
More results

Similar Description - MM5Z62V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com