Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25W256-S Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # FM25W256-S
Description  256Kb FRAM Wide Voltage Serial Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FM25W256-S Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button FM25W256-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM25W256-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM25W256-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM25W256-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM25W256-S Datasheet HTML 9Page - List of Unclassifed Manufacturers FM25W256-S Datasheet HTML 10Page - List of Unclassifed Manufacturers FM25W256-S Datasheet HTML 11Page - List of Unclassifed Manufacturers FM25W256-S Datasheet HTML 12Page - List of Unclassifed Manufacturers FM25W256-S Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
FM25W256
Rev. 1.0
Aug. 2004
Page 12 of 13
Mechanical Drawing
8-pin SOIC (JEDEC MS-012 variation AA)
Refer to JEDEC MS-012 for complete dimensions and notes.
All dimensions in millimeters.
SOIC Package Marking Scheme
Legend:
XXXX= part number, P= package type
LLLLLLL= lot code
RIC=Ramtron Int’l Corp, YY=year, WW=work week
Example: FM25W256, Standard SOIC package, Year 2004, Work Week 39
FM25W256-S
A40003S
RIC0439
XXXXXXX-P
LLLLLLL
RICYYWW


Similar Part No. - FM25W256-S

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25W256-G RAMTRON-FM25W256-G Datasheet
297Kb / 13P
   256Kb Wide Voltage SPI F-RAM
logo
Cypress Semiconductor
FM25W256-G CYPRESS-FM25W256-G Datasheet
453Kb / 13P
   256Kb Wide Voltage SPI F-RAM
FM25W256-G CYPRESS-FM25W256-G Datasheet
411Kb / 14P
   256Kb Wide Voltage SPI F-RAM
FM25W256-G CYPRESS-FM25W256-G Datasheet
416Kb / 16P
   256Kb Wide Voltage SPI F-RAM
logo
Ramtron International C...
FM25W256-GTR RAMTRON-FM25W256-GTR Datasheet
297Kb / 13P
   256Kb Wide Voltage SPI F-RAM
More results

Similar Description - FM25W256-S

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
Ramtron International C...
FM25L256B RAMTRON-FM25L256B Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory
FM25256B RAMTRON-FM25256B Datasheet
134Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
List of Unclassifed Man...
FM25L256 ETC-FM25L256 Datasheet
152Kb / 14P
   256Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25L256 RAMTRON-FM25L256 Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com