Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI426DQ Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI426DQ
Description  N-Channel 2.5-V (G-S) Rated MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI426DQ Datasheet(HTML) 3 Page - Vishay Siliconix

  SI426DQ Datasheet HTML 1Page - Vishay Siliconix SI426DQ Datasheet HTML 2Page - Vishay Siliconix SI426DQ Datasheet HTML 3Page - Vishay Siliconix SI426DQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Si6426DQ
Siliconix
S-49534—Rev. A, 06-Oct-97
3
Typical Characteristics (25
_C Unless Otherwise Noted)
0
8
16
24
32
40
012345
0
2
4
6
8
0
6
12
18
24
30
0
0.5
1.0
1.5
2.0
–50
–25
0
25
50
75
100
125
150
0
0.01
0.02
0.03
0.04
0.05
0
6
12
18
24
30
36
0
400
800
1200
1600
2000
2400
2800
0
4
8
12
16
20
0
5
10
15
20
25
0
0.5
1.0
1.5
2.0
2.5
VGS = 5 thru 3 V
1.5 V
2 V
VGS = 2.5 V
VDS = 6 V
ID = 5.4 A
VGS = 4.5 V
ID = 5.4 A
Crss
Coss
Ciss
Output Characteristics
Transfer Characteristics
Gate Charge
On-Resistance vs. Drain Current
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
Qg – Total Gate Charge (nC)
VDS – Drain-to-Source Voltage (V)
ID – Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ – Junction Temperature (_C)
–55
_C
TC = 125_C
25
_C
2.5 V
1, 0.5 V
VGS = 4.5 V


Similar Part No. - SI426DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4200DY VISHAY-SI4200DY Datasheet
252Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
Rev. A, 06-Sep-10
SI4200DY VISHAY-SI4200DY Datasheet
188Kb / 9P
   Dual N-Channel 25 V (D-S) MOSFET
08-Feb-17
SI4200DY-T1-GE3 VISHAY-SI4200DY-T1-GE3 Datasheet
252Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
Rev. A, 06-Sep-10
SI4200DY-T1-GE3 VISHAY-SI4200DY-T1-GE3 Datasheet
252Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
Rev. A, 06-Sep-10
SI4200DY VISHAY-SI4200DY_V01 Datasheet
188Kb / 9P
   Dual N-Channel 25 V (D-S) MOSFET
08-Feb-17
More results

Similar Description - SI426DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9428DY VISHAY-SI9428DY Datasheet
38Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 26-May-03
SI5404DC VISHAY-SI5404DC Datasheet
66Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5406DC VISHAY-SI5406DC Datasheet
98Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
logo
Guangdong Kexin Industr...
KI5404BDC KEXIN-KI5404BDC Datasheet
63Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3442BDV VISHAY-SI3442BDV_17 Datasheet
189Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
SI9426DY VISHAY-SI9426DY Datasheet
39Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 26-May-03
SI4466DY-T1-E3 VISHAY-SI4466DY-T1-E3 Datasheet
230Kb / 8P
   N-Channel 2.5-V (G-S) MOSFET
Rev. F, 04-May-09
SI6466ADQ VISHAY-SI6466ADQ Datasheet
81Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. B, 18-Aug-03
SI3442BDV-T1-GE3 VISHAY-SI3442BDV-T1-GE3 Datasheet
185Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
logo
Guangdong Kexin Industr...
KI5406DC KEXIN-KI5406DC Datasheet
62Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com