Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZY68 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # ZY68
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

ZY68 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  ZY68 Datasheet HTML 1Page - EIC discrete Semiconductors ZY68 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS ( Tj = 25
°C unless otherwise specified )
Zener Voltage
(2)
Dynamic
Temp. coeff.
Test
Maximum
Admissible
at IZT
resistance
of Zener
Current
Reverse
Zener Current
(1)
VZ (V)
at IZT
Voltage at IZT
at IR = 1 µ
µA
at Ta = 25
°°C
min.
max.
max. rzj (Ω
Ω)
α
VZ (10
-4/K)
IZT (mA)
VR (V)
IZ (mA)
ZY3.6
3.4
3.8
7
-7…+2
100
-
440
ZY3.9
3.7
4.1
7
-7…+2
100
-
410
ZY4.3
4.0
4.6
7
-7…+3
100
-
360
ZY4.7
4.4
5.0
7
-7…+4
100
-
330
ZY5.1
4.8
5.4
5
-6…+5
100
-
300
ZY5.6
5.2
6.0
2
-3…+5
100
>1.5
275
ZY6.2
5.8
6.6
2
-1…+6
100
>1.5
245
ZY6.8
6.4
7.2
1
0…+7
100
>2
220
ZY7.5
7.0
7.9
1
0…+7
100
>2
200
ZY8.2
7.7
8.7
1
+3…+8
100
>3.5
180
ZY9.1
8.5
9.6
4
+3…+8
50
>7.4
165
ZY10
9.4
10.6
4
+5…+9
50
>8.2
145
ZY11
10.4
11.6
7
+5…+10
50
>9.2
135
ZY12
11.4
12.7
7
+5…+10
50
>10
120
ZY13
12.4
14.1
10
+5…+10
50
>10.7
110
ZY15
13.8
15.8
10
+5…+10
50
>12
98
ZY16
15.3
17.1
15
+6…+11
25
>13.3
90
ZY18
16.8
19.1
15
+6…+11
25
>14.7
80
ZY20
18.8
21.2
15
+6…+11
25
>16.5
72
ZY22
20.8
23.3
15
+6…+11
25
>18.3
66
ZY24
22.8
25.6
15
+6…+11
25
>20.1
60
ZY27
25.1
28.9
15
+6…+11
25
>22.5
53
ZY30
28
32
15
+6…+11
25
>25.1
48
ZY33
31
35
15
+6…+11
25
>27.8
44
ZY36
34
38
40
+6…+11
10
>30.2
40
ZY39
37
41
40
+6…+11
10
>32.9
37
ZY43
40
46
45
+7…+12
10
>35.6
33
ZY47
44
50
45
+7…+12
10
>39.2
30
ZY51
48
54
60
+7…+12
10
>42.8
27
ZY56
52
60
60
+7…+12
10
>47.3
25
ZY62
58
66
80
+8…+13
10
>51.7
21
ZY68
64
72
80
+8…+13
10
>57.1
20
ZY75
70
79
100
+8…+13
10
>63.2
18
ZY82
77
88
100
+8…+13
10
>68.6
16
ZY91
85
96
200
+9…+13
5
>75.7
15
ZY100
94
106
200
+9…+13
5
>83.7
13
ZY110
104
116
250
+9…+13
5
>92.6
12
ZY120
114
127
250
+9…+13
5
>101.6
11
ZY130
124
141
300
+9…+13
5
>110.5
10
ZY150
138
156
300
+9…+13
5
>123
9
ZY160
153
171
350
+9…+13
5
>136
8.5
ZY180
168
191
350
+9…+13
5
>149
8
ZY200
168
212
350
+9 … +13
5
>167
7.5
Notes : 1) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case
2) Tested with pulses tp = 5 ms
Page 2 of 2
Rev. 02 : March 25, 2005
Type No.


Similar Part No. - ZY68

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZY68 DIODES-ZY68 Datasheet
63Kb / 3P
   SILICON POWER ZENER DIODE
DS21406 Rev. E-3
logo
Shanghai Semitech Semic...
ZY68 SEMITECH-ZY68 Datasheet
48Kb / 2P
   Low leakage current
logo
General Semiconductor
ZY68 GE-ZY68 Datasheet
364Kb / 7P
   ZENER DIODES
logo
Diotec Semiconductor
ZY68 DIOTEC-ZY68 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
Vishay Siliconix
ZY68 VISHAY-ZY68 Datasheet
320Kb / 7P
   Zener Diodes
02-May-02
More results

Similar Description - ZY68

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com