Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLZ11 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TLZ11
Description  Z-Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLZ11 Datasheet(HTML) 7 Page - Vishay Siliconix

  TLZ11 Datasheet HTML 1Page - Vishay Siliconix TLZ11 Datasheet HTML 2Page - Vishay Siliconix TLZ11 Datasheet HTML 3Page - Vishay Siliconix TLZ11 Datasheet HTML 4Page - Vishay Siliconix TLZ11 Datasheet HTML 5Page - Vishay Siliconix TLZ11 Datasheet HTML 6Page - Vishay Siliconix TLZ11 Datasheet HTML 7Page - Vishay Siliconix TLZ11 Datasheet HTML 8Page - Vishay Siliconix TLZ11 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLZ...
Vishay Semiconductors
Rev. A4, 08-JAug-02
7 (9)
www.vishay.com
Document Number 85635
04
8
12
16
20
95 9604
0
20
40
60
80
100
VZ – Z-Voltage ( V )
Ptot=500mW
Tamb=25°C
Figure 7. Z–Current vs. Z–Voltage
15
20
25
30
0
10
20
30
40
50
VZ – Z-Voltage ( V )
35
95 9607
Ptot=500mW
Tamb=25°C
Figure 8. Z–Current vs. Z–Voltage
0
5
10
15
20
1
10
100
1000
VZ – Z-Voltage ( V )
25
95 9606
Tj=25°C
IZ=1mA
5mA
10mA
Figure 9. Differential Z–Resistance vs. Z–Voltage
1
10
100
1000
tp – Pulse Length ( ms )
95 9603
10–1
100
101
102
tp/T=0.5
tp/T=0.2
tp/T=0.1
tp/T=0.05
tp/T=0.02
tp/T=0.01
Single Pulse
RthJA=300K/W
DT=Tjmax–Tamb
iZM=(–VZ+(VZ2+4rzjDT/Zthp)1/2)/(2rzj)
Figure 10. Thermal Response


Similar Part No. - TLZ11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLZ11A VISHAY-TLZ11A Datasheet
110Kb / 9P
   Small Signal Zener Diodes
Rev. 1.9, 23-Mar-06
TLZ11A VISHAY-TLZ11A Datasheet
112Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Sep-11
TLZ11A VISHAY-TLZ11A Datasheet
110Kb / 8P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
TLZ11A VISHAY-TLZ11A Datasheet
131Kb / 9P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
TLZ11A VISHAY-TLZ11A Datasheet
110Kb / 8P
   Small Signal Zener Diodes
Rev. 2.2, 26-Jun-12
More results

Similar Description - TLZ11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZX46 ETC-BZX46 Datasheet
1Mb / 6P
   Z-DIODES
logo
Vishay Siliconix
BZG05C VISHAY-BZG05C Datasheet
64Kb / 4P
   Silicon Z-Diodes
Rev. 6, 01-Apr-99
logo
List of Unclassifed Man...
BZY83C ETC-BZY83C Datasheet
157Kb / 5P
   Silicon Z-diodes
logo
Vishay Siliconix
1N957B VISHAY-1N957B Datasheet
33Kb / 3P
   Silicon Z-Diodes
Rev. A3, 13-Nov-98
BZG47 VISHAY-BZG47 Datasheet
84Kb / 4P
   Silicon Z–Diodes
Rev. 5, 06-Aug-99
BZG03C VISHAY-BZG03C Datasheet
71Kb / 5P
   Silicon Z-Diodes
Rev. 5, 01-Apr-99
TZM5221B VISHAY-TZM5221B Datasheet
59Kb / 4P
   Silicon Z-Diodes
Rev. 2, 01-Apr-99
1N5221B VISHAY-1N5221B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Diotec Semiconductor
ZPY10 DIOTEC-ZPY10 Datasheet
90Kb / 2P
   Silicon Power Z-Diodes
logo
Vishay Siliconix
1N4728A VISHAY-1N4728A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com