Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87782VUL Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87782VUL
Description  CompactRISC Intelligent System Management Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87782VUL Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button PC87782VUL Datasheet HTML 6Page - National Semiconductor (TI) PC87782VUL Datasheet HTML 7Page - National Semiconductor (TI) PC87782VUL Datasheet HTML 8Page - National Semiconductor (TI) PC87782VUL Datasheet HTML 9Page - National Semiconductor (TI) PC87782VUL Datasheet HTML 10Page - National Semiconductor (TI) PC87782VUL Datasheet HTML 11Page - National Semiconductor (TI) PC87782VUL Datasheet HTML 12Page - National Semiconductor (TI) PC87782VUL Datasheet HTML 13Page - National Semiconductor (TI) PC87782VUL Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
www.national.com
OSCOUT
Oscillator Output [not characterized]
Analog in
A/D Analog Input signal
Analog out
D/A Analog output signal
Analog I/O
A/D Analog input/output signal
Analog FB
A/D Op-Amp Feedback
MII In
VIH VIL (TTL)
VTRH VTRL
Ethernet IEEE 802.3u compliant input
MII Out
VOHm VOLm
Ethernet IEEE 802.3u compliant output
Table 3 Input Pins
Signal
Type
Pin Number
No. of
Sig Pins
Function
100-pin
160-pin
32KCLKIN
TTL
1
32.768 KHz Oscillator Clock Input.
AMP(1,0)
Analog In
2
Analog Inputs to Op-Amps
ENV(1,0)
STRAP
2
Environment select strap pins. These pins define the
device environment. They are sampled on all resets
except HMR. ENV2 is permanently high in the 100-pin
package.
ENV2
STRAP
N/A
1
HA
TTL
1
Host Address line used in conjunction with the chip-
select inputs to address registers on the Host Interface.
HIOR
TTL
1
Host I/O Read. Active-low input that signals an I/O data
read by the host processor.
HIOW
TTL
1
Host I/O Write. Active-low input that signals an I/O data
write by the host processor.
HCSA
TTL
1
Host Chip Select A. Active-low input that indicates an
access to Channel A by the host processor.
HCSB
TTL
1
Host Chip Select B. Active-low input that indicates an
access to Channel B by the host processor.
HMR
Schmitt
1
Host Master Reset
HPWRON
Schmitt
1
Host Power On. Indicates that the host power supply is
on, and the host bus interface signals are valid. While
HPWRON is low, the host inputs are ignored, and all
outputs float.
NANDEN
Schmitt
1
NAND Test Mode / ISE TRI-STATE Mode
PFAIL
Schmitt
1
Power Fail Detected Input
RESET
Schmitt
1
Master Reset. A low level resets the controller and
inhibits HFCG frequency locking.
RXD0-3
MII In
4
MII Input data.
RX_CLK
MII In
1
MII Receive Clock
RX_DV
MII In
1
MII Receive Data Valid
RX_ER
MII In
1
MII Receive Error
COL
MII In
1
MII Collision Detect
CRS
MII In
1
MII Carrier Sense
TX_CLK
MII In
1
Transmit Clock Input
ISE
Schmitt
N/A
1
ISE Interrupt. reserved for use by the development
system.
Table 2 Pin Descriptions
Signal Type
Input
Parameters
Output
Parameters
Buffer Description


Similar Part No. - PC87782VUL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87108 NSC-PC87108 Datasheet
69Kb / 2P
   Advanced UART and Infrared Controller
PC87108AVHG NSC-PC87108AVHG Datasheet
426Kb / 56P
   Advanced UART and Infrared Controller
PC87108AVJE NSC-PC87108AVJE Datasheet
426Kb / 56P
   Advanced UART and Infrared Controller
PC87108VHG NSC-PC87108VHG Datasheet
69Kb / 2P
   Advanced UART and Infrared Controller
PC87108VJE NSC-PC87108VJE Datasheet
69Kb / 2P
   Advanced UART and Infrared Controller
More results

Similar Description - PC87782VUL

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99001-Q1 TI-TPS99001-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS99001-Q1 System Management Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822 AVAGO-HDJD-J822 Datasheet
72Kb / 2P
   Color Management System Feedback Controller
logo
ON Semiconductor
ADM1026JSTZ-R7 ONSEMI-ADM1026JSTZ-R7 Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
logo
ON Semiconductor
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822-SCR00 AVAGO-HDJD-J822-SCR00 Datasheet
230Kb / 16P
   Color Management System Feedback Controller
logo
Epson Company
S1S60000 EPSON-S1S60000 Datasheet
114Kb / 2P
   Intelligent Network Controller for Embedded System
logo
Analog Devices
ADM1026 AD-ADM1026 Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com