Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD2108XEM-70PBS Datasheet(PDF) 2 Page - SPANSION

Part # MB84VD2108XEM-70PBS
Description  16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD2108XEM-70PBS Datasheet(HTML) 2 Page - SPANSION

  MB84VD2108XEM-70PBS Datasheet HTML 1Page - SPANSION MB84VD2108XEM-70PBS Datasheet HTML 2Page - SPANSION MB84VD2108XEM-70PBS Datasheet HTML 3Page - SPANSION MB84VD2108XEM-70PBS Datasheet HTML 4Page - SPANSION MB84VD2108XEM-70PBS Datasheet HTML 5Page - SPANSION MB84VD2108XEM-70PBS Datasheet HTML 6Page - SPANSION MB84VD2108XEM-70PBS Datasheet HTML 7Page - SPANSION MB84VD2108XEM-70PBS Datasheet HTML 8Page - SPANSION MB84VD2108XEM-70PBS Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
DS05-50306-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
Stacked MCP (Multi-Chip Package) FLASH MEMORY & SRAM
CMOS
16M (
×8/×16) FLASH MEMORY &
2M (
×8/×16) STATIC RAM
MB84VD2108XEM-70/MB84VD2109XEM-70
s FEATURES
• Power Supply Voltage of 2.7 V to 3.3 V
• High Performance
70 ns maximum access time (Flash)
70 ns maximum access time (SRAM)
• Operating Temperature
–40
°°°°C to +85 °°°°C
• Package 56-ball BGA
(Continued)
s PRODUCT LINE UP
Note: Both VCCf and VCCs must be in recommended operation range when either part is being accessed.
s PACKAGE
Part No.
MB84VD2108XEM/MB84VD2109XEM
Supply Voltage(V)
VCCf= 3.0 V
VCCs= 3.0 V
Max Address Access Time (ns)
70
70
Max CE Access Time (ns)
70
70
Max OE Access Time (ns)
30
35
56-ball plastic BGA
(BGA-56P-M02)
+0.3 V
–0.3 V
+0.3 V
–0.3 V


Similar Part No. - MB84VD2108XEM-70PBS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
MB84VD2108X-85 FUJITSU-MB84VD2108X-85 Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
More results

Similar Description - MB84VD2108XEM-70PBS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
   16M (x8/x16) Flash Memory
logo
Fujitsu Component Limit...
MB84VA2102 FUJITSU-MB84VA2102 Datasheet
422Kb / 29P
   16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
logo
Sharp Corporation
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
logo
Samsung semiconductor
K8D1716UTB SAMSUNG-K8D1716UTB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
Sharp Corporation
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com