Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VD21092EM-70PBS Datasheet(PDF) 10 Page - SPANSION

Part # MB84VD21092EM-70PBS
Description  16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD21092EM-70PBS Datasheet(HTML) 10 Page - SPANSION

Back Button MB84VD21092EM-70PBS Datasheet HTML 6Page - SPANSION MB84VD21092EM-70PBS Datasheet HTML 7Page - SPANSION MB84VD21092EM-70PBS Datasheet HTML 8Page - SPANSION MB84VD21092EM-70PBS Datasheet HTML 9Page - SPANSION MB84VD21092EM-70PBS Datasheet HTML 10Page - SPANSION MB84VD21092EM-70PBS Datasheet HTML 11Page - SPANSION MB84VD21092EM-70PBS Datasheet HTML 12Page - SPANSION MB84VD21092EM-70PBS Datasheet HTML 13Page - SPANSION MB84VD21092EM-70PBS Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
MB84VD2108XEM/2109XEM-70
9
s ABSOLUTE MAXIMUM RATINGS
*1 : Minimum DC voltage on input or I/O pins is –0.3 V. During voltage transitions, input or I/O pins may undershoot
VSS to –2.0 V for periods of up to 20 ns. Maximum DC voltage on input or I/O pins is VCCf+0.4 V or VCCs+0.4 V.
During voltage transitions, input or I/O pins may overshoot to VCCf+2.0 V or VCCs+2.0 V for periods of up to 20 ns.
*2 : Minimum DC input voltage on RESET pin is –0.5 V. During voltage transitions, RESET pins may undershoot
VSS to –2.0 V for periods of up to 20 ns. Voltage difference between input and supply voltage (VIN-VCCf or VCCs)
does not exceed +9.0 V. Maximum DC input voltage on RESET pins is +13.0 V which may overshoot to +14.0 V
for periods of up to 20 ns.
*3 : Minimum DC input voltage on WP/ACC pin is –0.5 V. During voltage transitions, WP/ACC pin may undershoot
Vss to –2.0 V for periods of up to 20 ns. Maximum DC input voltage on WP/ACC pin is +10.5 V which may
overshoot to +12.0 V for periods of up to 20 ns, when VCCf is applied.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
Note: Operating ranges define those limits between which the functionality of the device is guaranteed.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Rating
Unit
Min
Max
Storage Temperature
Tstg
–55
+125
°C
Ambient Temperature with Power Applied
TA
–40
+85
°C
Voltage with Respect to Ground All pins
except RESET, WP/ACC *1
VIN, VOUT
–0.3
VCCf +0.4
V
VCCs +0.4
V
VCCf/VCCs Supply *1
VCCf, VCCs
–0.3
+4.0
V
RESET *2
VIN
–0.5
+ 13.0
V
WP/ACC *3
VIN
–0.5
+10.5
V
Parameter
Symbol
Value
Unit
Min
Max
Ambient Temperature
TA
–40
+85
°C
VCCf/VCCs Supply Voltages
Vccf, Vccs
+2.7
+3.3
V


Similar Part No. - MB84VD21092EM-70PBS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD21092 FUJITSU-MB84VD21092 Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
MB84VD21092-85-PBS FUJITSU-MB84VD21092-85-PBS Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
MB84VD21092-85-PTS FUJITSU-MB84VD21092-85-PTS Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
More results

Similar Description - MB84VD21092EM-70PBS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
   16M (x8/x16) Flash Memory
logo
Fujitsu Component Limit...
MB84VA2102 FUJITSU-MB84VA2102 Datasheet
422Kb / 29P
   16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
logo
Sharp Corporation
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
logo
Samsung semiconductor
K8D1716UTB SAMSUNG-K8D1716UTB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
Sharp Corporation
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com